Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF14BW-CS Datasheet(PDF) 3 Page - AZ Displays

Part # SF14BW-CS
Description  black and white camera incorporates the 1/4 Omni Vision CMOS image sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

SF14BW-CS Datasheet(HTML) 3 Page - AZ Displays

  SF14BW-CS Datasheet HTML 1Page - AZ Displays SF14BW-CS Datasheet HTML 2Page - AZ Displays SF14BW-CS Datasheet HTML 3Page - AZ Displays SF14BW-CS Datasheet HTML 4Page - AZ Displays SF14BW-CS Datasheet HTML 5Page - AZ Displays SF14BW-CS Datasheet HTML 6Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1.
General Description
The SF14BW-CS black and white camera incorporates the 1/4" Omni
Vision CMOS image sensor, and is applicable to various electronic devices
that require a video signal, and is available in PAL or NTSC signal formats.
2.
Features
Video output (1.0 VPP 75ohm)
CCIR or EIA
3. Applications
SF14BW-CS black-and-white camera apply in the following areas
electronically device in office
Instrument and measure devices
Machinery equipment
Monitor (Car Monitor, Portable Video Gather, Remote Monitoring)
Door Phone , Videophone.
Note: It is not suitable for the products that need high quality in ability,
stability and veracity.
SF14BW-CS
AZ DISPLAYS, INC.
Page 3 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com