Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN52010 Datasheet(PDF) 6 Page - SONiX Technology Company

Part # SN52010
Description  2-Channel Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN52010 Datasheet(HTML) 6 Page - SONiX Technology Company

Back Button SN52010 Datasheet HTML 2Page - SONiX Technology Company SN52010 Datasheet HTML 3Page - SONiX Technology Company SN52010 Datasheet HTML 4Page - SONiX Technology Company SN52010 Datasheet HTML 5Page - SONiX Technology Company SN52010 Datasheet HTML 6Page - SONiX Technology Company SN52010 Datasheet HTML 7Page - SONiX Technology Company SN52010 Datasheet HTML 8Page - SONiX Technology Company SN52010 Datasheet HTML 9Page - SONiX Technology Company SN52010 Datasheet HTML 10Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN52010
2-Channel Speech Controller
5.6. Auto repetition
Auto repetition function helps SN52010 series realize a “looping” sound automatically
by hardware without any software effort. Auto repetition function is a very useful
mechanism to implement “Sustain” sound in instrument synthesis. All 2 channels are
equipped with this function. Arbitrary lengths of looping sound are accepted by
SN52010.
5.7. Wave Mark
This is a new function for SN52010 series, it allows user to add a special mark in wave
data by the voice edit tool “CoolEdit” , ”Goldwav” , “SoundForge” . User can insert
event tags in anywhere of his wave file and can easy to get this special code to do his
special action during voice playing. That means, it should be easily to control the I/O
(such as LED or Motor) and other actions to synchronize with voice.
5.8. Push-Pull output
A Push-Pull Direct Drive circuit is built-in SN52010. The maximum resolution of
Push-Pull is 8 bits (8 bit structure with LSB set to 0). Two huge output stage circuits are
designed in SN52010. With this advanced circuit, the chip is capable of driving
speaker directly without external transistors.
5.9. Volume Control Function
Bit0~Bit2 of VOL Register is applied to control the volume of voice. The relationship
between output current and mode2 register is listed in the following table (power on set
to 111). Bit3 of VOL register provide for VOL Output division 2.
Bit2
Bit1
Bit0
Output Volume
0
0
0
46.5 DB
0
0
1
52.2 DB
0
1
0
58.1 DB
0
1
1
63.9 DB
1
0
0
70.3 DB
1
0
1
77.2 DB
1
1
0
82.3 DB
1
1
1
88.0 DB
Ver: 1.0
March 2,2005
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com