Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1024 Datasheet(PDF) 19 Page - Catalyst Semiconductor

Part # CAT1024
Description  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1024 Datasheet(HTML) 19 Page - Catalyst Semiconductor

Back Button CAT1024 Datasheet HTML 12Page - Catalyst Semiconductor CAT1024 Datasheet HTML 13Page - Catalyst Semiconductor CAT1024 Datasheet HTML 14Page - Catalyst Semiconductor CAT1024 Datasheet HTML 15Page - Catalyst Semiconductor CAT1024 Datasheet HTML 16Page - Catalyst Semiconductor CAT1024 Datasheet HTML 17Page - Catalyst Semiconductor CAT1024 Datasheet HTML 18Page - Catalyst Semiconductor CAT1024 Datasheet HTML 19Page - Catalyst Semiconductor CAT1024 Datasheet HTML 20Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
CAT1024, CAT1025
© 2007 Catalyst Semiconductor, Inc.
19
Doc. No. 3008 Rev. N
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is Matte-Tin.
(3) The device used in the above example is a CAT1024WI-30-GT3 (SOIC, Industrial Temperature, 3.0 - 3.15V, NiPdAu, Tape & Reel).
(4) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office.
(5) TDFN not available in NiPdAu (–G) version.
Ordering Part Number – CAT1024xx
Ordering Part Number – CAT1025xx
CAT1024LI-45
CAT1024ZI-45
CAT1025LI-45
CAT1025ZI-45
CAT1024LI-42
CAT1024ZI-42
CAT1025LI-42
CAT1025ZI-42
CAT1024LI-30
CAT1024ZI-30
CAT1025LI-30
CAT1025ZI-30
CAT1024LI-28
CAT1024ZI-28
CAT1025LI-28
CAT1025ZI-28
CAT1024LI-25
CAT1024ZI-25
CAT1025LI-25
CAT1025ZI-25
CAT1024WI-45
CAT1024ZD4I-45
CAT1025WI-45
CAT1025ZD4I-45
CAT1024WI-42
CAT1024ZD4I-42
CAT1025WI-42
CAT1025ZD4I-42
CAT1024WI-30
CAT1024ZD4I-30
CAT1025WI-30
CAT1025ZD4I-30
CAT1024WI-28
CAT1024ZD4I-28
CAT1025WI-28
CAT1025ZD4I-28
CAT1024WI-25
CAT1024ZD4I-25
CAT1025WI-25
CAT1025ZD4I-25
CAT1024YI-45
CAT1025YI-45
CAT1024YI-42
CAT1025YI-42
CAT1024YI-30
CAT1025YI-30
CAT1024YI-28
CAT1025YI-28
CAT1024YI-25
CAT1025YI-25
Prefix
Device #
Suffix
CAT
1024
W
I
-30
–
G
T3
Company ID
Package
L: PDIP
W: SOIC
Y: TSSOP
Z: MSOP
ZD4: TDFN 3x3mm
(5)
Temperature Range
I = In
dustrial (-40ºC to 85ºC)
Reset Threshold Voltage
-45: 4.50V – 4.75V
-42: 4.25V – 4.50V
-30: 3.00V – 3.15V
-28: 2.85V – 3.00V
-25: 2.55V – 2.70V
Product
Number
1024: 2K
1025: 2K
Tape & Reel
T: Tape & Reel
2: 2000/Reel (only TDFN)
3: 3000/Reel
Lead Finish
Blank: Matte-Tin
G: NiPdAu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com