Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1232LP Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT1232LP
Description  5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1232LP Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT1232LP_06 Datasheet HTML 4Page - Catalyst Semiconductor CAT1232LP_06 Datasheet HTML 5Page - Catalyst Semiconductor CAT1232LP_06 Datasheet HTML 6Page - Catalyst Semiconductor CAT1232LP_06 Datasheet HTML 7Page - Catalyst Semiconductor CAT1232LP_06 Datasheet HTML 8Page - Catalyst Semiconductor CAT1232LP_06 Datasheet HTML 9Page - Catalyst Semiconductor CAT1232LP_06 Datasheet HTML 10Page - Catalyst Semiconductor CAT1232LP_06 Datasheet HTML 11Page - Catalyst Semiconductor CAT1232LP_06 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
CAT1232LP/CAT1832
Doc. No. 25089, Rev. 0C
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PACKAGE DRAWING
8-LEAD DIP (300mil)
Notes:
1.
All dimensions are in millimeters.
2.
Complies with JEDEC Standard MS001.
3.
Dimensioning and tolerancing per ANSI Y14.5M-1982
A
e
b
E1
b2
L
A2
A1
E
D
eB
24C16_8-LEAD_DIP_(300P).eps
SYMBOL
A
A1
b
b2
D
E
E1
e
eB
L
MIN
0.38
0.36
9.02
7.62
6.17
6.35
7.87
2.79
3.81
NOM
0.46
1.52
1.14
7.87
2.54 BSC
MAX
4.57
A2
3.05
3.81
0.56
10.16
8.26
7.49
9.65
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com