Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1232LPLT2 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT1232LPLT2
Description  5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1232LPLT2 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT1232LPLT2 Datasheet HTML 1Page - Catalyst Semiconductor CAT1232LPLT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT1232LPLT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1232LPLT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1232LPLT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1232LPLT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1232LPLT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1232LPLT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1232LPLT2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
CAT1232LP/CAT1832
Doc. No. 25089, Rev. 0C
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PIN CONFIGURATION
PIN DESCRIPTION
VCC
ST
RESET
RESET
8-Lead SOIC/MSOP/DIP
1
2
3
4
8
7
6
5
PBRST
TD
TOL
GND
16-Lead SOIC
8
GND
7
NC
6
TOL
5
NC
4
TD
3
NC
2
PBRST
1
NC
9
RESET
10 NC
11 RESET
12 NC
13 ST
14 NC
15 VCC
16 NC
r
e
b
m
u
N
n
i
P
e
g
a
k
c
a
P
d
a
e
L
-
8
r
e
b
m
u
N
n
i
P
e
g
a
k
c
a
P
d
a
e
L
-
6
1e
m
a
Nn
o
i
t
c
n
u
F
12
T
S
R
B
P
t
u
p
n
i
t
e
s
e
r
n
o
t
t
u
b
h
s
u
p
l
a
u
n
a
m
d
e
c
n
u
o
b
e
D
24
D
T:
n
o
i
t
c
e
l
e
s
y
a
l
e
d
e
m
i
t
l
a
c
i
p
y
t
g
o
d
h
c
t
a
W
t
)
a
D
T
D
N
G
=
D
T
r
o
f
s
m
0
5
1
=
t
)
b
D
T
n
e
p
O
=
D
T
r
o
f
s
m
0
0
6
=
t
)
c
D
T
V
=
D
T
r
o
f
s
m
0
0
2
1
=
C
C
36
L
O
TV
=
L
O
T
(
%
0
1
r
o
)
D
N
G
=
L
O
T
(
%
5
s
t
c
e
l
e
s
L
O
T
P
L
2
3
2
1
T
A
C
C
C
p
i
r
t
)
=
L
O
T
%
0
2
r
o
)
D
N
G
=
L
O
T
(
%
0
1
s
t
c
e
l
e
s
L
O
T
2
3
8
1
T
A
C
.
e
c
n
a
r
e
l
o
t
t
n
i
o
p
V C
C
.
e
c
n
a
r
e
l
o
t
t
n
i
o
p
p
i
r
t
)
48
D
N
Gd
n
u
o
r
G
59
T
E
S
E
Re
v
i
t
c
a
s
i
T
E
S
E
R
.
t
u
p
t
u
o
t
e
s
e
r
H
G
I
H
e
v
i
t
c
A
V
f
I
.
1
C
C
t
n
i
o
p
p
i
r
t
e
g
a
t
l
o
v
t
e
s
e
r
e
h
t
w
o
l
e
b
s
ll
a
f
f
I
.
2
T
S
R
B
P
w
o
l
s
i
f
I
.
3
T
S
.
s
e
r
i
p
x
e
D
T
y
b
t
e
s
d
o
i
r
e
p
t
u
o
e
m
i
t
e
h
t
e
r
o
f
e
b
w
o
l
d
e
b
o
r
t
s
t
o
n
s
i
.
p
u
-
r
e
w
o
p
g
n
i
r
u
D
.
4
61
1
T
E
S
E
R
)
T
E
S
E
R
e
e
S
(
.
t
u
p
t
u
o
t
e
s
e
r
W
O
L
e
v
i
t
c
A
73
1
T
S
t
u
p
n
I
e
b
o
r
t
S
85
1V C
C
y
l
p
p
u
S
r
e
w
o
P
,
2
1
,
0
1
,
7
,
5
.
3
,
1
6
1
,
4
1
C
Nn
o
i
t
c
e
n
n
o
c
l
a
n
r
e
t
n
i
o
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com