Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3003E Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3003E
Description  16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003E Datasheet(HTML) 2 Page - Burr-Brown (TI)

  PCM3003E Datasheet HTML 1Page - Burr-Brown (TI) PCM3003E Datasheet HTML 2Page - Burr-Brown (TI) PCM3003E Datasheet HTML 3Page - Burr-Brown (TI) PCM3003E Datasheet HTML 4Page - Burr-Brown (TI) PCM3003E Datasheet HTML 5Page - Burr-Brown (TI) PCM3003E Datasheet HTML 6Page - Burr-Brown (TI) PCM3003E Datasheet HTML 7Page - Burr-Brown (TI) PCM3003E Datasheet HTML 8Page - Burr-Brown (TI) PCM3003E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM3002
PCM3003
SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
All specifications at T
A = 25°C, VDD = VCC = 3 V, fS = 44.1 kHz, SYSCLK = 384 fS, and 16-bit data, unless otherwise noted
PCM3002E/3003E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUT/OUTPUT
Input Logic
VIH(1)(2)(3)
0.7 VDD
Input logic level
VDC
VIL(1)(2)(3)
0.3 VDD
IIN(2)
±1
Input logic current
µA
IIN(1)(3)
100
Output Logic
VOH(4)
IOUT = –1 mA
VDD – 0.3
VOL(4)
Output logic level
IOUT = 1 mA
0.3
VDC
VOL(5)
IOUT = 1 mA
0.3
CLOCK FREQUENCY
fs
Sampling frequency
4(6)
44.1
48
kHz
256 fS
1.024
11.2896
12.288
System clock frequency
384 fS
1.536
16.9344
18.432
MHz
512 fS
2.048
22.5792
24.576
ADC CHARACTERISTICS
Resolution
20
Bits
DC Accuracy
Gain mismatch, channel-
±1
±3
% of FSR
to-channel
Gain error
±2
±5
% of FSR
Gain drift
±20
ppm of FSR/
°C
Bipolar zero error
High-pass filter bypassed(7)
±1.7
% of FSR
Bipolar zero drift
High-pass filter bypassed(7)
±20
ppm of FSR/
°C
Dynamic Performance(8)
VIN = –0.5 dB
–86
–80
THD+N
dB
VIN = –60 dB
–28
Dynamic range
A-weighted
86
90
dB
Signal-to-noise ratio
A-weighted
86
90
dB
Channel separation
84
88
dB
(1)
Pins 7, 8, 17 and 18: RST, ML, MD, and MC for the PCM3002; PDAD, PDDA, DEM1, and DEM0 for PCM3003 (Schmitt-trigger input
with 100-k
Ω typical internal pulldown resistor)
(2)
Pins 9, 10, 11, 15: SYSCLK, LRCIN, BCKIN, DIN (Schmitt-trigger input)
(3)
Pin 16: 20BIT for PCM3003 (Schmitt-trigger input, 100-k
Ω typical internal pulldown resistor)
(4)
Pin 12: DOUT
(5)
Pin 16: ZFLG for PCM3002 (open-drain output)
(6)
See Application Bulletin SBAA033 for information relating to operation at lower sampling frequencies.
(7)
High-pass filter for offset cancel
(8)
fIN = 1 kHz, using the System Two™ audio measurement system by Audio Precision™ in rms mode with 20-kHz LPF, 400-Hz HPF used
for performance calculation.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com