Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8725 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8725
Description  99dB Stereo DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8725 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8725 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
WM8725
Production Data
w
PD Rev 4.1 August 2004
5
ELECTRICAL CHARACTERISTICS
Test Conditions
VDD = 5V, GND = 0V, TA = +25
oC, fs = 48kHz, SCKI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels
Input LOW level
VIL
0.8
V
Input HIGH level
VIH
2.0
V
Analogue Output Levels
To midrail or AC coupled
(5V supply)
1
kΩ
Load Resistance
To midrail or AC coupled
(3V supply)
1
kΩ
Maximum capacitance load
5V or 3V
100
pF
Output DC level
VDD/2
V
Reference Levels
Potential divider resistance
VDD to CAP and CAP to GND
80
100
120
kΩ
Voltage at CAP
VDD = 5V
2.3
2.5
2.7
V
DAC Circuit Specifications
SNR (Note 1)
VDD = 5V
90
99
dB
VDD = 3V
97
dB
Full scale output voltage
Into 10kohm VDD = 5V, 0dB
0.9
1.0
1.1
VRMS
Into 10kohm VDD = 3V, 0dB
0.6
VRMS
THD (Full scale)
0dB
0.01
0.02
%
THD+N (Dynamic range)
-60dB
92
dB
Frequency response
0
20,000
Hz
Transition band
20,000
Hz
Out of band rejection
-40
dB
Channel Separation
90
dB
Gain mismatch
channel-to-channel
±1
±5
%FSR
Audio Data Input and System Clock Timing Information
BCKIN pulse cycle time
tBCY
100
ns
BCKIN pulse width high
tBCH
50
ns
BCKIN pulse width low
tBCL
50
ns
BCKIN rising edge to LRCIN edge
tBL
30
ns
LRCIN rising edge to BCKIN
rising edge
tLB
30
ns
DIN setup time
tDS
30
ns
DIN hold time
tDH
30
ns
System clock pulse width high
tSCKIH
13
ns
System clock pulse width low
tSCKIL
13
ns
Notes:
1.
Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital input, measured
“A” weighted over a 20Hz to 20kHz bandwidth.
2.
All performance measurements done with 20kHz low pass filter. Failure to use such a filter will result in higher
THD+N and lower SNR and Dynamic Range readings than are found in the Electrical Characteristics. The low pass
filter removes out of band noise; although it is not audible, it may affect dynamic specification values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com