Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5CEBA2F23C7ES Datasheet(PDF) 10 Page - Intel Corporation

Part # 5CEBA2F23C7ES
Description  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F23C7ES Datasheet(HTML) 10 Page - Intel Corporation

Back Button 5CEBA2F23C7ES Datasheet HTML 6Page - Intel Corporation 5CEBA2F23C7ES Datasheet HTML 7Page - Intel Corporation 5CEBA2F23C7ES Datasheet HTML 8Page - Intel Corporation 5CEBA2F23C7ES Datasheet HTML 9Page - Intel Corporation 5CEBA2F23C7ES Datasheet HTML 10Page - Intel Corporation 5CEBA2F23C7ES Datasheet HTML 11Page - Intel Corporation 5CEBA2F23C7ES Datasheet HTML 12Page - Intel Corporation 5CEBA2F23C7ES Datasheet HTML 13Page - Intel Corporation 5CEBA2F23C7ES Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Available Options
Figure 3.
Sample Ordering Code and Available Options for Cyclone V GT Devices
Family Signature
Embedded Hard IPs
Transceiver Count
Transceiver
Speed Grade
Package Type
Package Code
Operating Temperature
FPGA Fabric
Speed Grade
GT : 6-Gbps transceivers
F : Maximum 2 hard PCIe and
2 hard memory controllers
5C : Cyclone V
D5 : 77K logic elements
D7 : 150K logic elements
D9 : 301K logic elements
B : 3
F : 4
A : 5
C : 6
D : 9
E : 12
5 : 6.144 Gbps
F : FineLine BGA (FBGA)
U : Ultra FineLine BGA (UBGA)
M : Micro FineLine BGA (MBGA)
FBGA Package Type
23 : 484 pins
27 : 672 pins
31 : 896 pins
35 : 1,152 pins
UBGA Package Type
19 : 484 pins
MBGA Package Type
11 : 301 pins
13 : 383 pins
15 : 484 pins
C : Commercial (TJ = 0° C to 85° C)
I : Industrial (TJ = -40° C to 100° C)
A : Automotive (TJ = -40° C to 125° C)
7
5C
GT
F
D9
E
5 F
35
C
7 N
Member Code
Family Variant
Optional Suffix
Indicates specific device
options or shipment method
N : Lead-free packaging
Contact Intel for availability
of leaded options
ES : Engineering sample
Maximum Resources
Table 8.
Maximum Resource Counts for Cyclone V GT Devices
Resource
Member Code
D5
D7
D9
Logic Elements (LE) (K)
77
150
301
ALM
29,080
56,480
113,560
Register
116,320
225,920
454,240
Memory (Kb)
M10K
4,460
6,860
12,200
MLAB
424
836
1,717
Variable-precision DSP Block
150
156
342
18 x 18 Multiplier
300
312
684
PLL
6
7
8
6 Gbps Transceiver
6
9
12
GPIO(5)
336
480
560
LVDS
Transmitter
84
120
140
continued...
(5) The number of GPIOs does not include transceiver I/Os. In the Intel Quartus Prime software,
the number of user I/Os includes transceiver I/Os.
Cyclone V Device Overview
683694 | 2018.05.07
Cyclone V Device Overview
Send Feedback
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com