Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS651LSH Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS651LSH
Description  Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS651LSH Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS651LSH_05 Datasheet HTML 3Page - Allegro MicroSystems ATS651LSH_05 Datasheet HTML 4Page - Allegro MicroSystems ATS651LSH_05 Datasheet HTML 5Page - Allegro MicroSystems ATS651LSH_05 Datasheet HTML 6Page - Allegro MicroSystems ATS651LSH_05 Datasheet HTML 7Page - Allegro MicroSystems ATS651LSH_05 Datasheet HTML 8Page - Allegro MicroSystems ATS651LSH_05 Datasheet HTML 9Page - Allegro MicroSystems ATS651LSH_05 Datasheet HTML 10Page - Allegro MicroSystems ATS651LSH_05 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
ATS651LSH
7
651LSH-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Characteristic Data
Supply Current (High) vs. Ambient Temperature
Supply Current (Low) vs. Ambient Temperature
12
13
14
15
16
17
-40°
25°
85°
150°
TA (°C)
TA (°C)
4V
12V
20V
24V
4
5
6
7
8
9
-40°
25°
85°
150°
4V
12V
20V
24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com