Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS651LSH Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS651LSH
Description  Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS651LSH Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS651LSH Datasheet HTML 1Page - Allegro MicroSystems ATS651LSH Datasheet HTML 2Page - Allegro MicroSystems ATS651LSH Datasheet HTML 3Page - Allegro MicroSystems ATS651LSH Datasheet HTML 4Page - Allegro MicroSystems ATS651LSH Datasheet HTML 5Page - Allegro MicroSystems ATS651LSH Datasheet HTML 6Page - Allegro MicroSystems ATS651LSH Datasheet HTML 7Page - Allegro MicroSystems ATS651LSH Datasheet HTML 8Page - Allegro MicroSystems ATS651LSH Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
ATS651LSH
4
651LSH-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
SWITCHING CHARACTERISTICS Valid for –40°C ≤ TA ≤ 150°C, TJ ≤ 165°C, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operate Point
BOP
% of peak-to-peak referenced from PDAC to NDAC,
AGOP < AGOP(max)
–58–
%
Release Point
BRP
% of peak-to-peak referenced from PDAC to NDAC,
AGOP < AGOP(max)
–42–
%
Axial/Radial Runout1
(Multiple teeth)
ROA/R
±1.75
mm
Sudden Air Gap
(Single tooth)
ΔAGSAG
Instantaneous air gap change (<500 Hz)
±0.4
mm
Incremental Air Gap
(Consecutive edges)
ΔAGIR+
Air gap change between edges @ >8 kHz
±0.1
mm
Air gap change between edges @ 8-4 kHz
±0.15
mm
ΔAGIR-
Air gap change between edges @ <4 kHz
±0.2
mm
Vibration Immunity
(At power-on)
ROTVIBS
Rotation allowed due to vibration with temperature change
less than 10°C
±0.75
(°)
Vibration Immunity2
(Running)
ROTVIBR
Rotation allowed due to vibration with temperature change
less than 10°C
±0.35
(°)
Maximum Operating Frequency3
ffwd
Forward target rotation (pin 4 to pin 1), tLD = 38 μs
12
kHz
frev
Reverse target rotation (pin 1 to pin 4), tLD = 38 μs
6
kHz
1Inclusive of all Sudden Air Gap and Incremental Air Gap changes during operation.
2Device may output one reverse pulse at the start of vibration.
3Maximum Operating Frequency may be increased if the customer can resolve Minimum Low-State Duration levels down to the specified value.
100 %
Valley
Tooth
Forward
Reverse
B+
B–
t
BOP %
BOP(fwd)b
BRP(fwd)
BRP %
BOP(rev)b
BRP(rev)
Sensed Edgea
aSensed Edge: leading (rising) edge in forward rotation, trailing (falling) edge in reverse rotation
bB
OP(fwd) triggers the output pulse during forward rotation, and BOP(rev) triggers the output pulse during reverse rotation
Device Characteristics Tables (Continued)
Continued on the next page...
ATS651LSH Switchpoints



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com