Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5CEBA2F23A7ES Datasheet(PDF) 13 Page - Intel Corporation

Part # 5CEBA2F23A7ES
Description  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F23A7ES Datasheet(HTML) 13 Page - Intel Corporation

Back Button 5CEBA2F23A7ES Datasheet HTML 9Page - Intel Corporation 5CEBA2F23A7ES Datasheet HTML 10Page - Intel Corporation 5CEBA2F23A7ES Datasheet HTML 11Page - Intel Corporation 5CEBA2F23A7ES Datasheet HTML 12Page - Intel Corporation 5CEBA2F23A7ES Datasheet HTML 13Page - Intel Corporation 5CEBA2F23A7ES Datasheet HTML 14Page - Intel Corporation 5CEBA2F23A7ES Datasheet HTML 15Page - Intel Corporation 5CEBA2F23A7ES Datasheet HTML 16Page - Intel Corporation 5CEBA2F23A7ES Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Maximum Resources
Table 10.
Maximum Resource Counts for Cyclone V SE Devices
Resource
Member Code
A2
A4
A5
A6
Logic Elements (LE) (K)
25
40
85
110
ALM
9,430
15,880
32,070
41,910
Register
37,736
60,376
128,300
166,036
Memory (Kb)
M10K
1,400
2,700
3,970
5,570
MLAB
138
231
480
621
Variable-precision DSP Block
36
84
87
112
18 x 18 Multiplier
72
168
174
224
FPGA PLL
5
5
6
6
HPS PLL
3
3
3
3
FPGA GPIO
145
145
288
288
HPS I/O
181
181
181
181
LVDS
Transmitter
32
32
72
72
Receiver
37
37
72
72
FPGA Hard Memory Controller
1
1
1
1
HPS Hard Memory Controller
1
1
1
1
Arm Cortex-A9 MPCore Processor
Single- or dual-
core
Single- or dual-
core
Single- or dual-core
Single- or dual-core
Related Information
True LVDS Buffers in Devices, I/O Features in Cyclone V Devices
Provides the number of LVDS channels in each device package.
Package Plan
Table 11.
Package Plan for Cyclone V SE Devices
The HPS I/O counts are the number of I/Os in the HPS and does not correlate with the number of HPS-specific
I/O pins in the FPGA. Each HPS-specific pin in the FPGA may be mapped to several HPS I/Os.
Member Code
U484
(19 mm)
U672
(23 mm)
F896
(31 mm)
FPGA GPIO
HPS I/O
FPGA GPIO
HPS I/O
FPGA GPIO
HPS I/O
A2
66
151
145
181
—
—
A4
66
151
145
181
—
—
A5
66
151
145
181
288
181
A6
66
151
145
181
288
181
Cyclone V Device Overview
683694 | 2018.05.07
Send Feedback
Cyclone V Device Overview
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com