Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5CEBA2F27A7ES Datasheet(PDF) 3 Page - Intel Corporation

Part # 5CEBA2F27A7ES
Description  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F27A7ES Datasheet(HTML) 3 Page - Intel Corporation

  5CEBA2F27A7ES Datasheet HTML 1Page - Intel Corporation 5CEBA2F27A7ES Datasheet HTML 2Page - Intel Corporation 5CEBA2F27A7ES Datasheet HTML 3Page - Intel Corporation 5CEBA2F27A7ES Datasheet HTML 4Page - Intel Corporation 5CEBA2F27A7ES Datasheet HTML 5Page - Intel Corporation 5CEBA2F27A7ES Datasheet HTML 6Page - Intel Corporation 5CEBA2F27A7ES Datasheet HTML 7Page - Intel Corporation 5CEBA2F27A7ES Datasheet HTML 8Page - Intel Corporation 5CEBA2F27A7ES Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Cyclone V Device Overview
The Cyclone® V devices are designed to simultaneously accommodate the shrinking
power consumption, cost, and time-to-market requirements; and the increasing
bandwidth requirements for high-volume and cost-sensitive applications.
Enhanced with integrated transceivers and hard memory controllers, the Cyclone V
devices are suitable for applications in the industrial, wireless and wireline, military,
and automotive markets.
Related Information
Cyclone V Device Handbook: Known Issues
Lists the planned updates to the Cyclone V Device Handbook chapters.
Key Advantages of Cyclone V Devices
Table 1.
Key Advantages of the Cyclone V Device Family
Advantage
Supporting Feature
Lower power consumption
• Built on TSMC's 28 nm low-power (28LP) process technology and includes an
abundance of hard intellectual property (IP) blocks
• Up to 40% lower power consumption than the previous generation device
Improved logic integration and
differentiation capabilities
• 8-input adaptive logic module (ALM)
• Up to 13.59 megabits (Mb) of embedded memory
• Variable-precision digital signal processing (DSP) blocks
Increased bandwidth capacity
• 3.125 gigabits per second (Gbps) and 6.144 Gbps transceivers
• Hard memory controllers
Hard processor system (HPS)
with integrated Arm* Cortex*-A9
MPCore* processor
• Tight integration of a dual-core Arm Cortex-A9 MPCore processor, hard IP, and an
FPGA in a single Cyclone V system-on-a-chip (SoC)
• Supports over 128 Gbps peak bandwidth with integrated data coherency between
the processor and the FPGA fabric
Lowest system cost
• Requires only two core voltages to operate
• Available in low-cost wirebond packaging
• Includes innovative features such as Configuration via Protocol (CvP) and partial
reconfiguration
683694 | 2018.05.07
Send Feedback
Intel Corporation. All rights reserved. Intel, the Intel logo, and other Intel marks are trademarks of Intel
Corporation or its subsidiaries. Intel warrants performance of its FPGA and semiconductor products to current
specifications in accordance with Intel's standard warranty, but reserves the right to make changes to any
products and services at any time without notice. Intel assumes no responsibility or liability arising out of the
application or use of any information, product, or service described herein except as expressly agreed to in
writing by Intel. Intel customers are advised to obtain the latest version of device specifications before relying
on any published information and before placing orders for products or services.
*Other names and brands may be claimed as the property of others.
ISO
9001:2015
Registered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com