Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5CEBA2F17C8ES Datasheet(PDF) 4 Page - Intel Corporation

Part # 5CEBA2F17C8ES
Description  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F17C8ES Datasheet(HTML) 4 Page - Intel Corporation

  5CEBA2F17C8ES Datasheet HTML 1Page - Intel Corporation 5CEBA2F17C8ES Datasheet HTML 2Page - Intel Corporation 5CEBA2F17C8ES Datasheet HTML 3Page - Intel Corporation 5CEBA2F17C8ES Datasheet HTML 4Page - Intel Corporation 5CEBA2F17C8ES Datasheet HTML 5Page - Intel Corporation 5CEBA2F17C8ES Datasheet HTML 6Page - Intel Corporation 5CEBA2F17C8ES Datasheet HTML 7Page - Intel Corporation 5CEBA2F17C8ES Datasheet HTML 8Page - Intel Corporation 5CEBA2F17C8ES Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Summary of Cyclone V Features
Table 2.
Summary of Features for Cyclone V Devices
Feature
Description
Technology
• TSMC's 28-nm low-power (28LP) process technology
• 1.1 V core voltage
Packaging
• Wirebond low-halogen packages
• Multiple device densities with compatible package footprints for seamless migration between
different device densities
• RoHS-compliant and leaded(1)options
High-performance
FPGA fabric
Enhanced 8-input ALM with four registers
Internal memory
blocks
• M10K—10-kilobits (Kb) memory blocks with soft error correction code (ECC)
• Memory logic array block (MLAB)—640-bit distributed LUTRAM where you can use up to 25%
of the ALMs as MLAB memory
Embedded Hard IP
blocks
Variable-precision DSP
• Native support for up to three signal processing precision levels
(three 9 x 9, two 18 x 18, or one 27 x 27 multiplier) in the same
variable-precision DSP block
• 64-bit accumulator and cascade
• Embedded internal coefficient memory
• Preadder/subtractor for improved efficiency
Memory controller
DDR3, DDR2, and LPDDR2 with 16 and 32 bit ECC support
Embedded transceiver
I/O
PCI Express* (PCIe*) Gen2 and Gen1 (x1, x2, or x4) hard IP with
multifunction support, endpoint, and root port
Clock networks
• Up to 550 MHz global clock network
• Global, quadrant, and peripheral clock networks
• Clock networks that are not used can be powered down to reduce dynamic power
Phase-locked loops
(PLLs)
• Precision clock synthesis, clock delay compensation, and zero delay buffering (ZDB)
• Integer mode and fractional mode
FPGA General-purpose
I/Os (GPIOs)
• 875 megabits per second (Mbps) LVDS receiver and 840 Mbps LVDS transmitter
• 400 MHz/800 Mbps external memory interface
• On-chip termination (OCT)
• 3.3 V support with up to 16 mA drive strength
Low-power high-speed
serial interface
• 614 Mbps to 6.144 Gbps integrated transceiver speed
• Transmit pre-emphasis and receiver equalization
• Dynamic partial reconfiguration of individual channels
HPS
(Cyclone V SE, SX,
and ST devices only)
• Single or dual-core Arm Cortex-A9 MPCore processor-up to 925 MHz maximum frequency with
support for symmetric and asymmetric multiprocessing
• Interface peripherals—10/100/1000 Ethernet media access control (EMAC), USB 2.0
On-The-GO (OTG) controller, quad serial peripheral interface (QSPI) flash controller, NAND
flash controller, Secure Digital/MultiMediaCard (SD/MMC) controller, UART, controller area
network (CAN), serial peripheral interface (SPI), I2C interface, and up to 85 HPS GPIO
interfaces
• System peripherals—general-purpose timers, watchdog timers, direct memory access (DMA)
controller, FPGA configuration manager, and clock and reset managers
• On-chip RAM and boot ROM
continued...
(1) Contact Intel for availability.
Cyclone V Device Overview
683694 | 2018.05.07
Cyclone V Device Overview
Send Feedback
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com