Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN66040B Datasheet(PDF) 1 Page - SONiX Technology Company

Part # SN66040B
Description  4-Channel Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN66040B Datasheet(HTML) 1 Page - SONiX Technology Company

  SN66040B Datasheet HTML 1Page - SONiX Technology Company SN66040B Datasheet HTML 2Page - SONiX Technology Company SN66040B Datasheet HTML 3Page - SONiX Technology Company SN66040B Datasheet HTML 4Page - SONiX Technology Company SN66040B Datasheet HTML 5Page - SONiX Technology Company SN66040B Datasheet HTML 6Page - SONiX Technology Company SN66040B Datasheet HTML 7Page - SONiX Technology Company SN66040B Datasheet HTML 8Page - SONiX Technology Company SN66040B Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN66040B
4-Channel Speech Controller
1 INTRODUCTION
SN66040B is a 40 seconds single chip 4-channel voice synthesizer IC that
contains I/O pins and a tiny controller. By programming through the tiny controller,
users’ applications including section combination, trigger modes, output status,
high performance melody, multiple voices, and other logic functions can be
implemented.
2 FEATURES
Single power supply 2.4V – 5.1V
Built in a tiny controller
40 seconds voice capacity are provided
One 4-bit input port, two 4-bit I/O ports and one 4-bit output port are provided
128*4 bits RAM are provided
Maximum 64k program ROM is provided
Readable ROM code data
Built in a high quality speech synthesizer
Four independent voice channels
Adaptive playing speed from 4k-40kHz is provided for all 4 channels
individually
Automatic repetition for every channel
A 6-bit*8-bit Multiplier is embed to modulate the volume of synthesized voices
Two digital mixers (with saturation control) are provided
Two 8-bit current output DA converters (Channel 1 + Channel 2
→ DA1,
Channel 3 + Channel 4
→ DA2 )
System clock: 2M Hz ( RC-type or Crystal Option)
Low Voltage Reset
Ver: 1.1
December 6, 2004
1


Similar Part No. - SN66040B

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN66040 SONIX-SN66040 Datasheet
166Kb / 5P
4-Channel Speech Controller
More results

Similar Description - SN66040B

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN66012 SONIX-SN66012 Datasheet
132Kb / 5P
4-Channel Speech Controller
SN66021 SONIX-SN66021 Datasheet
130Kb / 5P
4-Channel Speech Controller
SN56030 SONIX-SN56030 Datasheet
378Kb / 11P
4-Channel Speech Controller
SN56085 SONIX-SN56085 Datasheet
378Kb / 11P
4-Channel Speech Controller
SN56340 SONIX-SN56340 Datasheet
378Kb / 11P
4-Channel Speech Controller
SN66020B SONIX-SN66020B Datasheet
303Kb / 11P
4-Channel Speech Controller
SN66060B SONIX-SN66060B Datasheet
302Kb / 11P
4-Channel Speech Controller
SN66085B SONIX-SN66085B Datasheet
302Kb / 11P
4-Channel Speech Controller
SNC678 SONIX-SNC678_05 Datasheet
421Kb / 14P
4-Channel Speech Controller
SNC688 SONIX-SNC688_05 Datasheet
421Kb / 14P
4-Channel Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com