Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY8014 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BY8014
Description  Fast high-voltage soft-recovery controlled avalanche rectifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY8014 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BY8014 Datasheet HTML 2Page - NXP Semiconductors BY8014 Datasheet HTML 3Page - NXP Semiconductors BY8014 Datasheet HTML 4Page - NXP Semiconductors BY8014 Datasheet HTML 5Page - NXP Semiconductors BY8014 Datasheet HTML 6Page - NXP Semiconductors BY8014 Datasheet HTML 7Page - NXP Semiconductors BY8014 Datasheet HTML 8Page - NXP Semiconductors BY8014 Datasheet HTML 9Page - NXP Semiconductors BY8014 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
1996 May 24
9
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery
controlled avalanche rectifiers
BY8000 series
Fig.17 Test circuit and reverse recovery time waveform and definition.
Rise time oscilloscope: tr < 7 ns.
Generator pulse width: 1.0
µs.
handbook, full pagewidth
MBH420
50
Ω
0.1
µF
2 mA
trr
t
0
2
1
4
IF
(mA)
IR
(mA)
APPLICATION INFORMATION
Fig.18 Typical operation circuit and voltage waveform.
handbook, full pagewidth
MAM105 - 1
V
R
V
RW
T
nom
V
RRM
Vo
Io
V I
DUT
VR
t



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com