Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FW040 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M50FW040
Description  4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M50FW040_06 Datasheet HTML 13Page - STMicroelectronics M50FW040_06 Datasheet HTML 14Page - STMicroelectronics M50FW040_06 Datasheet HTML 15Page - STMicroelectronics M50FW040_06 Datasheet HTML 16Page - STMicroelectronics M50FW040_06 Datasheet HTML 17Page - STMicroelectronics M50FW040_06 Datasheet HTML 18Page - STMicroelectronics M50FW040_06 Datasheet HTML 19Page - STMicroelectronics M50FW040_06 Datasheet HTML 20Page - STMicroelectronics M50FW040_06 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
M50FW040
Bus operations
17/53
3
Bus operations
The two interfaces have similar bus operations but the signals and timings are completely
different. The Firmware Hub (FWH) Interface is the usual interface and all of the functionality
of the part is available through this interface. Only a subset of functions are available
through the Address/Address Multiplexed (A/A Mux) Interface.
Follow the section Firmware hub (FWH) bus operations below and the section
Address/Address multiplexed (A/A Mux) bus operations below for a description of the bus
operations on each interface.
3.1
Firmware hub (FWH) bus operations
The Firmware Hub (FWH) Interface consists of four data signals (FWH0-FWH3), one control
line (FWH4) and a clock (CLK). In addition protection against accidental or malicious data
corruption can be achieved using two further signals (TBL and WP). Finally two reset
signals (RP and INIT) are available to put the memory into a known state.
The data signals, control signal and clock are designed to be compatible with PCI electrical
specifications. The interface operates with clock speeds up to 33MHz.
The following operations can be performed using the appropriate bus cycles: Bus Read, Bus
Write, Standby, Reset and Block Protection.
3.1.1
Bus Read
Bus Read operations read from the memory cells, specific registers in the Command
Interface or Firmware Hub Registers. A valid Bus Read operation starts when Input
Communication Frame, FWH4, is Low, VIL, as Clock rises and the correct Start cycle is on
FWH0-FWH3. On the following clock cycles the Host will send the Memory ID Select,
Address and other control bits on FWH0-FWH3. The memory responds by outputting Sync
data until the wait-states have elapsed followed by Data0-Data3 and Data4-Data7.
Refer to Table 4: FWH bus Read field definitions, and Figure 6: FWH Bus Read waveforms,
for a description of the Field definitions for each clock cycle of the transfer. See Table 20:
FWH interface AC signal timing characteristics, and Figure 11: FWH interface AC signal
timing waveforms, for details on the timings of the signals.
3.1.2
Bus Write
Bus Write operations write to the Command Interface or Firmware Hub Registers. A valid
Bus Write operation starts when Input Communication Frame, FWH4, is Low, VIL, as Clock
rises and the correct Start cycle is on FWH0-FWH3. On the following Clock cycles the Host
will send the Memory ID Select, Address, other control bits, Data0-Data3 and Data4-Data7
on FWH0-FWH3. The memory outputs Sync data until the wait-states have elapsed.
Refer to Table 5: FWH bus Write field definitions, and Figure 7: FWH Bus Write waveforms,
for a description of the Field definitions for each clock cycle of the transfer. See Table 20:
FWH interface AC signal timing characteristics, and Figure 11: FWH interface AC signal
timing waveforms, for details on the timings of the signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com