Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FW040 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M50FW040
Description  4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M50FW040 Datasheet HTML 8Page - STMicroelectronics M50FW040 Datasheet HTML 9Page - STMicroelectronics M50FW040 Datasheet HTML 10Page - STMicroelectronics M50FW040 Datasheet HTML 11Page - STMicroelectronics M50FW040 Datasheet HTML 12Page - STMicroelectronics M50FW040 Datasheet HTML 13Page - STMicroelectronics M50FW040 Datasheet HTML 14Page - STMicroelectronics M50FW040 Datasheet HTML 15Page - STMicroelectronics M50FW040 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
Signal descriptions
M50FW040
12/53
2
Signal descriptions
There are two different bus interfaces available on this part. The active interface is selected
before power-up or during Reset using the Interface Configuration Pin, IC.
The signals for each interface are discussed in the Firmware hub (FWH) signal descriptions
section and the Address/Address multiplexed (A/A Mux) signal descriptions section below.
The supply signals are discussed in the Supply signal descriptions section below.
2.1
Firmware hub (FWH) signal descriptions
For the Firmware Hub (FWH) Interface see <Blue>Figure 1., Logic diagram (FWH
interface), and <Blue>Table 1., Signal names (FWH interface).
2.1.1
Input/Output communications (FWH0-FWH3)
All Input and Output Communication with the memory take place on these pins. Addresses
and Data for Bus Read and Bus Write operations are encoded on these pins.
2.1.2
Input communication frame (FWH4)
The Input Communication Frame (FWH4) signals the start of a bus operation. When Input
Communication Frame is Low, VIL, on the rising edge of the Clock a new bus operation is
initiated. If Input Communication Frame is Low, VIL, during a bus operation then the
operation is aborted. When Input Communication Frame is High, VIH, the current bus
operation is proceeding or the bus is idle.
2.1.3
Identification inputs (ID0-ID3)
The Identification Inputs select the address that the memory responds to. Up to 16
memories can be addressed on a bus. For an address bit to be ‘0’ the pin can be left floating
or driven Low, VIL; an internal pull-down resistor is included with a value of RIL. For an
address bit to be ‘1’ the pin must be driven High, VIH; there will be a leakage current of ILI2
through each pin when pulled to VIH; see <Blue>Table 18.
By convention the boot memory must have address ‘0000’ and all additional memories take
sequential addresses starting from ‘0001’.
2.1.4
General-purpose inputs (FGPI0-FGPI4)
The General Purpose Inputs can be used as digital inputs for the CPU to read. The General
Purpose Inputs Register holds the values on these pins. The pins must have stable data
from before the start of the cycle that reads the General Purpose Input Register until after
the cycle is complete. These pins must not be left to float, they should be driven Low, VIL, or
High, VIH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com