| Electronic Components Datasheet Search |
|
M50FW040K5P Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M50FW040K5P Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 53 page ![]() Status Register M50FW040 28/53 5.0.6 Program Suspend status (Bit 2) The Program Suspend Status bit indicates that a Program operation has been suspended and is waiting to be resumed. The Program Suspend Status should only be considered valid when the Program/Erase Controller Status bit is ‘1’ (Program/Erase Controller inactive); after a Program/Erase Suspend command is issued the memory may still complete the operation rather than entering the Suspend mode. When the Program Suspend Status bit is ‘0’ the Program/Erase Controller is active or has completed its operation; when the bit is ‘1’ a Program/Erase Suspend command has been issued and the memory is waiting for a Program/Erase Resume command. When a Program/Erase Resume command is issued the Program Suspend Status bit returns to ‘0’. 5.0.7 Block Protection status (Bit 1) The Block Protection Status bit can be used to identify if the Program or Erase operation has tried to modify the contents of a protected block. When the Block Protection Status bit is to ‘0’ no Program or Erase operations have been attempted to protected blocks since the last Clear Status Register command or hardware reset; when the Block Protection Status bit is ‘1’ a Program or Erase operation has been attempted on a protected block. Once it is set to ‘1’ the Block Protection Status bit can only be reset to ‘0’ by a Clear Status Register command or a hardware reset. If it is set to ‘1’ it should be reset before a new Program or Erase command is issued, otherwise the new command will appear to fail. Using the A/A Mux Interface the Block Protection Status bit is always ‘0’. 5.0.8 Reserved (Bit 0) Bit 0 of the Status Register is reserved. Its value should be masked. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |