Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FW040N5P Datasheet(PDF) 1 Page - STMicroelectronics

Part # M50FW040N5P
Description  4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040N5P Datasheet(HTML) 1 Page - STMicroelectronics

  M50FW040N5P Datasheet HTML 1Page - STMicroelectronics M50FW040N5P Datasheet HTML 2Page - STMicroelectronics M50FW040N5P Datasheet HTML 3Page - STMicroelectronics M50FW040N5P Datasheet HTML 4Page - STMicroelectronics M50FW040N5P Datasheet HTML 5Page - STMicroelectronics M50FW040N5P Datasheet HTML 6Page - STMicroelectronics M50FW040N5P Datasheet HTML 7Page - STMicroelectronics M50FW040N5P Datasheet HTML 8Page - STMicroelectronics M50FW040N5P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
October 2006
Rev 9
1/53
1
M50FW040
4-Mbit (512 Kb x8, uniform block)
3-V supply firmware hub Flash memory
Feature summary
■
Supply voltage
–VCC = 3 V to 3.6 V for Program, Erase and
Read operations
–VPP = 12V for fast Erase (optional)
■
Two interfaces
– Firmware hub (FWH) interface for
embedded operation with PC chipsets
– Address/Address Multiplexed (A/A Mux)
interface for programming equipment
compatibility
■
Firmware hub (FWH) hardware interface mode
– 5-signal communication interface
supporting Read and Write operations
– Hardware Write Protect pins for block
protection
– Register based Read and Write protection
– 5 additional general-purpose inputs for
platform design flexibility
– Synchronized with 33-MHz PCI clock
■
Programming time: 10 µs typical
■
8 uniform 64 Kbyte memory blocks
■
Program/Erase Controller
– Embedded Byte Program and Block Erase
algorithms
– Status Register bits
■
Program and Erase Suspend
– Read other blocks during Program/Erase
Suspend
– Program other blocks during Erase
Suspend
■
For use in PC Bios applications
■
Electronic signature
– Manufacturer code: 20h
– Device code: 2Ch
■
Packages
– ECOPACK® (RoHS compliant)
TSOP40 (N)
10 × 20mm
PLCC32 (K)
TSOP32 (NB)
8 × 14mm
www.st.com


Similar Part No. - M50FW040N5P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FW040N5T STMICROELECTRONICS-M50FW040N5T Datasheet
249Kb / 41P
4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
10-Nov-2004
More results

Similar Description - M50FW040N5P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F040 STMICROELECTRONICS-M29F040 Datasheet
232Kb / 31P
4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
Nov-1999
M50FW002 STMICROELECTRONICS-M50FW002 Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW016 STMICROELECTRONICS-M50FW016 Datasheet
673Kb / 45P
16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
12-Jul-2004
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
10-Nov-2004
M50FW080 STMICROELECTRONICS-M50FW080 Datasheet
444Kb / 56P
8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
24-Oct-2006
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
15-Jul-2003
M29F040B STMICROELECTRONICS-M29F040B Datasheet
190Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
22-Apr-2002
M29F040B STMICROELECTRONICS-M29F040B_05 Datasheet
407Kb / 20P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
19-Sep-2005
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
19-Sep-2005
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
Apr-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com