Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FW040K5TP Datasheet(PDF) 14 Page - STMicroelectronics

Part # M50FW040K5TP
Description  4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040K5TP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M50FW040K5TP Datasheet HTML 10Page - STMicroelectronics M50FW040K5TP Datasheet HTML 11Page - STMicroelectronics M50FW040K5TP Datasheet HTML 12Page - STMicroelectronics M50FW040K5TP Datasheet HTML 13Page - STMicroelectronics M50FW040K5TP Datasheet HTML 14Page - STMicroelectronics M50FW040K5TP Datasheet HTML 15Page - STMicroelectronics M50FW040K5TP Datasheet HTML 16Page - STMicroelectronics M50FW040K5TP Datasheet HTML 17Page - STMicroelectronics M50FW040K5TP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
Signal descriptions
M50FW040
14/53
2.1.10
Write Protect (WP)
The Write Protect input is used to prevent the Main Blocks (Blocks 0 to 6) from being
changed. When Write Protect, WP, is set Low, VIL, Program and Erase operations in the
Main Blocks have no effect, regardless of the state of the Lock Register. When Write
Protect, WP, is set High, VIH, the protection of the Block determined by the Lock Register.
The state of Write Protect, WP, does not affect the protection of the Top Block (Block 7).
Write Protect, WP, must be set prior to a Program or Erase operation is initiated and must
not be changed until the operation completes or unpredictable results may occur. Care
should be taken to avoid unpredictable behavior by changing WP during Program or Erase
Suspend.
2.1.11
Reserved for future use (RFU)
These pins do not have assigned functions in this revision of the part. They must be left
disconnected.
2.2
Address/Address multiplexed (A/A Mux) signal descriptions
For the Address/Address Multiplexed (A/A Mux) Interface see <Blue>Figure 1., Logic
diagram (FWH interface), and <Blue>Table 1., Signal names (FWH interface).
2.2.1
Address inputs (A0-A10)
The Address Inputs are used to set the Row Address bits (A0-A10) and the Column
Address bits (A11-A18). They are latched during any bus operation by the Row/Column
Address Select input, RC.
2.2.2
Data Inputs/Outputs (DQ0-DQ7)
The Data Inputs/Outputs hold the data that is written to or read from the memory. They
output the data stored at the selected address during a Bus Read operation. During Bus
Write operations they represent the commands sent to the Command Interface of the
internal state machine. The Data Inputs/Outputs, DQ0-DQ7, are latched during a Bus Write
operation.
2.2.3
Output Enable (G)
The Output Enable, G, controls the Bus Read operation of the memory.
2.2.4
Write Enable (W)
The Write Enable, W, controls the Bus Write operation of the memory’s Command Interface.
2.2.5
Row/Column Address Select (RC)
The Row/Column Address Select input selects whether the Address Inputs should be
latched into the Row Address bits (A0-A10) or the Column Address bits (A11-A18). The
Row Address bits are latched on the falling edge of RC whereas the Column Address bits
are latched on the rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com