Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSW13 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MPSW13
Description  One Watt Darlington Transistor NPN Silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSW13 Datasheet(HTML) 3 Page - ON Semiconductor

  MPSW13 Datasheet HTML 1Page - ON Semiconductor MPSW13 Datasheet HTML 2Page - ON Semiconductor MPSW13 Datasheet HTML 3Page - ON Semiconductor MPSW13 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPSW13
http://onsemi.com
3
500
5.0
IC, COLLECTOR CURRENT (mA)
200 k
100 k
70 k
IB, BASE CURRENT (mA)
5.0
50
2.0
1.0
0.5
50 k
20 k
30
10
20
100
200
10 20
0.5 1.0 2.0
1.5
2.5
3.0
0.1 0.2
100
TJ = 125°C
TJ = 25°C
IC =
50 mA
IC =
10 mA
IC =
500 mA
IC =
250 mA
Figure 2. DC Current Gain
Figure 3. Collector Saturation Region
7.0
70
50
300
10 k
7.0 k
5.0 k
2.0 k
30 k
3.0 k
VCE = 5.0 V
−55°C
25°C
500
200
1000
1.0
5.0
0.5
IC, COLLECTOR CURRENT (mA)
2.0
1.0
0.8
0.6
0.2
VR, REVERSE VOLTAGE (VOLTS)
0.04
10
20
7.0
5.0
2.0
2.0
10
500
20
4.0
0.1
40
1.0
3.0
TJ = 25°C
Cobo
Cibo
VCE = 5.0 V
TJ = 25°C
f = 100 MHz
100
500
IC, COLLECTOR CURRENT (mA)
0.6
1.6
1.4
1.2
1.0
0.8
IC, COLLECTOR CURRENT (mA)
−1.0
−2.0
−3.0
−4.0
−5.0
−6.0
200
5.0
10
20
50
TJ = 25°C
100
500
5.0
200
7.0 10
20
50
qVB FOR VBE
VCE(sat) @ IC/IB = 1000
VBE(on) @ VCE = 5.0 V
Figure 4. “ON” Voltages
Figure 5. Temperature Coefficients
Figure 6. High Frequency Current Gain
Figure 7. Capacitance
VBE(sat) @ IC/IB = 1000
7.0
300
30
70
300
30
70
*qVC FOR VCE(sat)
25°C TO 125°C
−55°C TO 25°C
25°C TO 125°C
−55°C TO 25°C
*APPLIES FOR IC/IB ≤ hFE/3.0
0.2
0.4
2.0
4.0
20
10
0.4
50
100 200



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com