Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNR016 Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SNR016
Description  16M-bit Mask ROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNR016 Datasheet(HTML) 7 Page - SONiX Technology Company

  SNR016 Datasheet HTML 1Page - SONiX Technology Company SNR016 Datasheet HTML 2Page - SONiX Technology Company SNR016 Datasheet HTML 3Page - SONiX Technology Company SNR016 Datasheet HTML 4Page - SONiX Technology Company SNR016 Datasheet HTML 5Page - SONiX Technology Company SNR016 Datasheet HTML 6Page - SONiX Technology Company SNR016 Datasheet HTML 7Page - SONiX Technology Company SNR016 Datasheet HTML 8Page - SONiX Technology Company SNR016 Datasheet HTML 9Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SNR016
16M-bit Mask ROM
7.2
Standard ROM interface (with SNL310)
SPEAKER
VDD
VDD
R1
220K
C1
0.1uF
VDD
U1
SNL310
VDD
3
VDD
19
VDD
37
VDD
48
CVDD
85
CVDD
26
GND
5
GND
17
GND
28
GND
41
GND
46
RST
83
BP0
47
BN0
49
VO
4
XIN
6
XOUT
7
LXIN
2
LXOUT
1
TESTM
53
CKSEL
52
P2.0
90
P2.1
89
P2.2
88
P2.3
87
P2.4
86
P2.5
82
P2.6
81
P2.7
80
P2.8
78
P2.9
77
P2.10
76
P2.11
75
P2.12
74
P2.13
73
P2.14
72
P2.15
71
GND
50
GND
84
P3.0
70
P3.1
69
P3.2
68
P3.3
67
P3.4
66
P3.5
65
P3.6
64
P3.7
63
P3.8
61
P3.9
59
P3.10
58
P3.11
57
P3.12
56
P3.13
55
P3.14
54
P3.15
51
P5.0
25
P5.1
24
P5.2
23
P5.3
22
P5.4
21
P5.5
20
P5.6
18
P5.7
16
P5.8
15
P5.9
14
P5.10
13
P5.11
12
P5.12
11
P5.13
10
P5.14
9
P5.15
8
VDD
60
VDD
79
U2
SNR016
TYPE
24
OEB
25
VDD
12
A8
27
A9
28
A10
29
A11
30
A12
31
A13
32
A14
33
A15
34
A16
35
A17
36
A19
38
AD0/D0
1
AD1/D1
2
AD2/D2
3
AD3/D3
4
AD4/D4
7
AD5/D5
8
AD6/D6
9
AD7/D7
10
VDD
11
CEB
13
READYB/A0
14
ALECLK/A1
15
A2
18
BS1A3
19
BS2/A4
20
BS3/A5
21
BS4/A6
22
TESTM/A7
23
A18
37
VDD
26
A20
39
VDD
VDD
1.5V
1.5V
VDD
C6
47uF
C7
0.1uF
VDD
D7
P2_0
P2_1
P2_2
P2_3
P2_4
P2_5
P2_6
P2_7
P2_8
P2_9
P2_10
P2_11
P2_12
P2_13
P2_14
P2_15
RST
A16
A17
A18
A19
A20
A21
RDB
D0
D1
D2
D4
D3
D5
D6
RDB
D0
D2
D1
D4
D3
D6
D5
D7
CEB
A0
A1
A2
A4
A3
A6
A5
A7
A9
A8
A10
A11
A12
A15
A14
A13
A16
A18
A17
A19
A20
CEB
Ver. 1.4
October 21, 2005
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com