Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP050 Datasheet(PDF) 3 Page - FSP TECHNOLOGY INC.

Part # FSP050
Description  50W ~ 65W 12V Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP050 Datasheet(HTML) 3 Page - FSP TECHNOLOGY INC.

  FSP050 Datasheet HTML 1Page - FSP TECHNOLOGY INC. FSP050 Datasheet HTML 2Page - FSP TECHNOLOGY INC. FSP050 Datasheet HTML 3Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MECHANICAL SPECIFICATIONS
3 ©2018FSPGroup.AllRightsReserved.Alltrademarksareregisteredtotheirrespectiveowners.
2018.12 spec
www.fsp-group.com.tw
CONNECTOR SPECIFICATIONS
TECHNICAL DATASHEET
50W ~ 65W 12V Adapter
FSP050(60/ 65)-DHAN3 Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com