Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MZP4729A Datasheet(PDF) 3 Page - ON Semiconductor

Part # MZP4729A
Description  3 Watt DO??1 Surmetic TM 30 Zener Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MZP4729A Datasheet(HTML) 3 Page - ON Semiconductor

  MZP4729A Datasheet HTML 1Page - ON Semiconductor MZP4729A Datasheet HTML 2Page - ON Semiconductor MZP4729A Datasheet HTML 3Page - ON Semiconductor MZP4729A Datasheet HTML 4Page - ON Semiconductor MZP4729A Datasheet HTML 5Page - ON Semiconductor MZP4729A Datasheet HTML 6Page - ON Semiconductor MZP4729A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MZP4729A Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 1.5 V Max @ IF = 200 mA for all types)
Device
(Note 1)
Device
Marking
Zener Voltage (Note 2)
Zener Impedance (Note 3)
Leakage Current
IR
(Note 4)
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Min
Nom
Max
mA
W
W
mA
μA Max
Volts
mA
MZP4729A
MZP4729A
3.42
3.6
3.78
69
10
400
1
100
1
1260
MZP4734A
MZP4734A
5.32
5.6
5.88
45
5
600
1
10
2
810
MZP4735A
MZP4735A
5.89
6.2
6.51
41
2
700
1
10
3
730
MZP4736A
MZP4736A
6.46
6.8
7.14
37
3.5
700
1
10
4
660
MZP4737A
MZP4737A
7.13
7.5
7.88
34
4
700
0.5
10
5
605
MZP4738A
MZP4738A
7.79
8.2
8.61
31
4.5
700
0.5
10
6
550
MZP4740A
MZP4740A
9.50
10
10.50
25
7
700
0.25
10
7.6
454
MZP4741A
MZP4741A
10.45
11
11.55
23
8
700
0.25
5
8.4
414
MZP4744A
MZP4744A
14.25
15
15.75
17
14
700
0.25
5
11.4
304
MZP4745A
MZP4745A
15.20
16
16.80
15.5
16
700
0.25
5
12.2
285
MZP4746A
MZP4746A
17.10
18
18.90
14
20
750
0.25
5
13.7
250
MZP4749A
MZP4749A
22.80
24
25.20
10.5
25
750
0.25
5
18.2
190
MZP4750A
MZP4750A
25.65
27
28.35
9.5
35
750
0.25
5
20.6
170
MZP4751A
MZP4751A
28.50
30
31.50
8.5
40
1000
0.25
5
22.8
150
MZP4752A
MZP4752A
31.35
33
34.65
7.5
45
1000
0.25
5
25.1
135
MZP4753A
MZP4753A
34.20
36
37.80
7.0
50
1000
0.25
5
27.4
125
1. TOLERANCE AND TYPE NUMBER DESIGNATION
The type numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
2. ZENER VOLTAGE (VZ) MEASUREMENT
ON Semiconductor guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (TL) at 30°C ±1°C,
3/8″ from the diode body.
3. ZENER IMPEDANCE (ZZ) DERIVATION
The zener impedance is derived from 60 seconds AC voltage, which results when an AC current having an rms value equal to 10% of the
DC zener current (IZT or IZK) is superimposed on IZT or IZK.
4. SURGE CURRENT (IR) NON−REPETITIVE
The rating listed in the electrical characteristics table is maximum peak, non−repetitive, reverse surge current of 1/2 square wave or
equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC standards. However, actual device
capability is as described in Figure 3 of the General Data sheet for Surmetic 30s.
Figure 1. Power Temperature Derating Curve
TL, LEAD TEMPERATURE (°C)
0
20
40
60
200
80
100
120
140
160
180
0
1
2
3
4
5
L = 1/8″
L = 3/8″
L = 1″
L = LEAD LENGTH
TO HEAT SINK



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com