| Electronic Components Datasheet Search |
|
STMPE811 Datasheet(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE811 Datasheet(HTML) 13 Page - STMicroelectronics |
|
13 / 66 page ![]() STMPE811 I2C interface Doc ID 14489 Rev 5 13/66 4.2 Data input The device samples the data input on SDATA on the rising edge of the SCLK. The SDATA signal must be stable during the rising edge of SCLK and the SDATA signal must change only when SCLK is driven low. Figure 6. Read and write modes (random and sequential) Table 8. Operating modes Mode Byte Programming sequence Read ≥1 Start, Device address, R/W = 0, Register address to be read Restart, Device address, R/W = 1, Data Read, Stop If no Stop is issued, the Data Read can be continuously performed. If the register address falls within the range that allows an address auto- increment, then the register address auto-increments internally after every byte of data being read. Write ≥1 Start, Device address, R/W = 0, Register address to be written, Data Write, Stop If no Stop is issued, the Data Write can be continuously performed. If the register address falls within the range that allows address auto- increment, then the register address auto-increments internally after every byte of data being written in. For those register addresses that fall within a non-incremental address range, the address is kept static throughout the entire write operation. Refer to the memory map table for the address ranges that are auto and non-increment. Device Address Reg Address Device Address Data Read One byte Read Device Address Reg Address Device Address Data Read More than one byte Read Data Read + 1 Data Read + 2 Device Address Reg Address Data to be written One byte Write More than one byte Read Device Address Reg Address Data to Write Data to Write + 2 Data to Write + 1 Master Slave AM00775V1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |