Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSM Datasheet(PDF) 1 Page - TT Electronics.

Part # PSM
Description  Miniature Slide Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PSM Datasheet(HTML) 1 Page - TT Electronics.

  PSM Datasheet HTML 1Page - TT Electronics. PSM Datasheet HTML 2Page - TT Electronics. PSM Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Miniature Slide Potentiometer
PSM Series
© TT electronics plc
Issue C 12/2021
Page 1
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: + 1 (714) 447-2345
www.ttelectronics.com/bi-technologies
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Features:
•
Microminiature package (5mm wide, as low as 5mm travel)
•
Smooth slide
•
Long operational life
•
Carbon composite resistive element
•
Options for resistance, length, mounting, and more
Electrical Specifications
Mechanical Specifications
Total Resistance
500Ω—50KΩ
Total resistance tolerance
±20%
Resistance taper
A&B taper
Residual resistance
10Ω max.
Rated power
0.01W
Linearity tolerance
Less than 5%
Insulated resistance
More than 50MΩ at DC 100V for 1 minute
Slide/mechanical travel
5 and 10 mm
Sliding torque
5gf to 90gf
Sliding stopper strength
>3.0Kgf
Push-pull strength of lever
>3.0Kgf
Slide life
5,000 cycles
OBSOLETE


Similar Part No. - PSM

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSM WALL-PSM Datasheet
137Kb / 2P
Open Frame 40~65 Watts Single Output AC/DC Medical Power Supply
logo
API Technologies Corp
PSM APITECH-PSM Datasheet
199Kb / 2P
Surface Mount Low Pass Filters
logo
TT Electronics.
PSM TTELEC-PSM Datasheet
377Kb / 3P
Miniature Slide Potentiometer
12/2021
logo
YAGEO Corporation
PSM YAGEO-PSM Datasheet
1Mb / 7P
Fiberglass Cement Resistors
Aug. 31, 2023 V.1
logo
Fujikura Ltd.
PSM-001KPDW FUJIKURA-PSM-001KPDW Datasheet
308Kb / 2P
Pressure sensor module/Gauge,Differential
More results

Similar Description - PSM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTA BOURNS-PTA Datasheet
223Kb / 2P
Low Profile Slide Potentiometer
PDV10-21P-102A BOURNS-PDV10-21P-102A Datasheet
195Kb / 2P
Open Frame Slide Potentiometer
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
Slide Potentiometer
PS30M BITECH-PS30M Datasheet
168Kb / 6P
Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
Slide Potentiometer
logo
Bourns Electronic Solut...
PSP BOURNS-PSP Datasheet
464Kb / 2P
Motorized Master Slide Potentiometer
SMLJ12A-Q BOURNS-SMLJ12A-Q Datasheet
838Kb / 3P
Motorized Master Slide Potentiometer
PTF BOURNS-PTF Datasheet
544Kb / 7P
Long Life Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
SLIDE POTENTIOMETER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com