Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPT3232E Datasheet(PDF) 4 Page - 3PEAK INC.

Part # TPT3232E
Description  3V to 5.5V, 250kbps RS-232 Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPT3232E Datasheet(HTML) 4 Page - 3PEAK INC.

  TPT3232E Datasheet HTML 1Page - 3PEAK INC. TPT3232E Datasheet HTML 2Page - 3PEAK INC. TPT3232E Datasheet HTML 3Page - 3PEAK INC. TPT3232E Datasheet HTML 4Page - 3PEAK INC. TPT3232E Datasheet HTML 5Page - 3PEAK INC. TPT3232E Datasheet HTML 6Page - 3PEAK INC. TPT3232E Datasheet HTML 7Page - 3PEAK INC. TPT3232E Datasheet HTML 8Page - 3PEAK INC. TPT3232E Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.3peakic.com.cn
Rev. B.1
4 / 10
TPT3232E
3V to 5.5V, 250kbps RS-232 Transceivers
Absolute Maximum Ratings
SYMBOL
DESCRIPTION
MIN
MAX
UNIT
VCC
Supply voltage
-0.3
6
V
V+
Positive output supply voltage
-0.3
7
V
V–
Negative output supply voltage
-7
0.3
V
V+ – V–
Supply voltage difference
13
V
TIN1, TIN2
Input voltage of driver, TTL/CMOS level
-0.3
6
V
TOUT1, TOUT2
Output voltage of driver, RS232 level
-13.2
13.2
V
RIN1, RIN2
Input voltage of receiver, RS232 level
-15
15
V
ROUT1, ROUT2
Output voltage of receiver, TTL/CMOS level
-0.3
VCC +0.3
V
TJ
Operating virtual junction temperature
150
°C
(1) Stresses beyond the Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions.
Thermal Resistance
PART NUMBER
PACKAGE TYPE
θJA
θJC
UNIT
TPT3232E -SS3R
16-Pin SSOP
103
45
°C/W
TPT3232E -TS3R
16-Pin TSSOP
115
48
°C/W
TPT3232E -SO3R
16-Pin SOP
91
43
°C/W
ESD Rating
Value
UNIT
RS232 Bus Pin: TOUT1, TOUT2, RIN1, RIN2
HBM, Human body model
±15
kV
RS232 Bus Pin: TOUT1, TOUT2, RIN1, RIN2
IEC-61000-4-2, Contact Discharge
±12
kV
RS232 Bus Pin: TOUT1, TOUT2, RIN1, RIN2
IEC-61000-4-2, Air-Gap Discharge
±15
kV
All Pin except RS232 Bus Pin
HBM, Human body model
±6
kV
All Pin
CDM, Charge device model
±1.5
kV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com