Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M23-CIRCULAR Datasheet(PDF) 2 Page - HARTING Technology Group

Part # M23-CIRCULAR
Description  M23 Circular Connectors Selection Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

M23-CIRCULAR Datasheet(HTML) 2 Page - HARTING Technology Group

  M23-CIRCULAR Datasheet HTML 1Page - HARTING Technology Group M23-CIRCULAR Datasheet HTML 2Page - HARTING Technology Group M23-CIRCULAR Datasheet HTML 3Page - HARTING Technology Group M23-CIRCULAR Datasheet HTML 4Page - HARTING Technology Group M23-CIRCULAR Datasheet HTML 5Page - HARTING Technology Group M23-CIRCULAR Datasheet HTML 6Page - HARTING Technology Group M23-CIRCULAR Datasheet HTML 7Page - HARTING Technology Group M23-CIRCULAR Datasheet HTML 8Page - HARTING Technology Group M23-CIRCULAR Datasheet HTML 9Page - HARTING Technology Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
HARTING M23 Circular Connectors
HARTING's M23 circular connectors provide a compact
and very robust interface for transmitting the three
industrial lifelines: power, signal and data. Our modular
portfolio provides the user with many possible
combinations of different hoods/housings, locking
variants and inserts. Screw or fast locking (ComLock)
can be freely combined with inserts of 6–19 poles.
Regardless of whether supplying data, signals or power
is your top priority, you can freely choose between the
three termination methods: crimp, solder cup or solder
termination. This ensures versatile usage for drives
in transport systems, packaging systems or machine
tools. Their full metal housing offers outstanding EMC
resistance and protection against dirt and liquids (IP67/
IP69k).
This Selection Guide gives you a quick overview of the
best possible combinations for your application. No
matter whether it is for machinery construction, robotics,
railway technology or other application fields.
HARTING M23 Circular Connectors
The reliable connection
for very tough applications
M23 Signal
Overview of combinations
M23 Signal
M23 Power/Hybrid
Overview of combinations
M23 Power/Hybrid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com