Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZUS10 Datasheet(PDF) 2 Page - COSEL CO., LTD.

Part # ZUS10
Description  DC-DC Converters PCB Mount type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

ZUS10 Datasheet(HTML) 2 Page - COSEL CO., LTD.

  ZUS10 Datasheet HTML 1Page - COSEL CO., LTD. ZUS10 Datasheet HTML 2Page - COSEL CO., LTD. ZUS10 Datasheet HTML 3Page - COSEL CO., LTD. ZUS10 Datasheet HTML 4Page - COSEL CO., LTD. ZUS10 Datasheet HTML 5Page - COSEL CO., LTD. ZUS10 Datasheet HTML 6Page - COSEL CO., LTD. ZUS10 Datasheet HTML 7Page - COSEL CO., LTD. ZUS10 Datasheet HTML 8Page - COSEL CO., LTD. ZUS10 Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DC-DC Converters PCB Mount type
1
Pin Connection
ZU/ZT-35
Instruction Manual
2.1
Input voltage
ZU/ZT-36
ZU/ZT-36
ZU1R5 ZU3 ZU6
10
ZU
2 Function
ZU/ZT-36
2.2
Overcurrent protection
ZU/ZT-36
2.3
Isolation
ZU/ZT-36
3 Wiring to Input/Output Pin
ZU/ZT-36
4 Series Operation and Parallel Operation ZU/ZT-37
4.1
Series operation
ZU/ZT-37
4.2
Redundancy operation
ZU/ZT-38
5 Assembling and Installation Method ZU/ZT-38
5.1
Installation method
ZU/ZT-38
5.2
Derating
ZU/ZT-38
6 Input Voltage/Current Range
ZU/ZT-39
7 Cleaning
ZU/ZT-39
8 Soldering
ZU/ZT-39
9 Input/Output Pin
ZU/ZT-39
10 Peak Current (Pulse Load)
ZU/ZT-39
1
Pin Connection
2.1
Input voltage
ZU/ZT-45
ZU/ZT-45
ZT1R5 ZT3
2 Function
ZU/ZT-45
2.2
Overcurrent protection
ZU/ZT-46
2.3
Isolation
ZU/ZT-46
3 Wiring to Input/Output Pin
ZU/ZT-46
4 Series Operation and Parallel Operation ZU/ZT-47
4.1
Series operation
ZU/ZT-47
4.2
Redundancy operation
ZU/ZT-47
5 Assembling and Installation Method ZU/ZT-47
5.1
Installation method
ZU/ZT-47
5.2
Derating
ZU/ZT-47
6 Input Voltage/Current Range
ZU/ZT-47
7 Cleaning
ZU/ZT-48
8 Soldering
ZU/ZT-48
9 Input/Output Pin
ZU/ZT-48
10 Peak Current (Pulse Load)
ZU/ZT-48
1
Pin Connection
2.1
Input voltage
ZU/ZT-40
ZU/ZT-40
ZU15 ZU25
2 Function
ZU/ZT-40
2.2
Overcurrent protection
ZU/ZT-40
2.3
Overvoltage protection
ZU/ZT-41
2.4
Adjustable voltage range
ZU/ZT-41
2.5
Remote ON/OFF
ZU/ZT-41
2.6
Isolation
ZU/ZT-41
3 Wiring to Input/Output Pin
ZU/ZT-42
4 Series Operation and Parallel Operation ZU/ZT-42
4.1
Series operation
ZU/ZT-42
4.2
Redundancy operation
ZU/ZT-42
5 Assembling and Installation Method ZU/ZT-43
5.1
Installation method
ZU/ZT-43
5.2
Derating
ZU/ZT-43
6 Input Voltage/Current Range
ZU/ZT-44
7 Cleaning
ZU/ZT-44
8 Soldering
ZU/ZT-44
9 Input/Output Pin
ZU/ZT-44
10 Peak Current (Pulse Load)
ZU/ZT-45
ZU/ZT
October 08, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com