Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

484602000 Datasheet(PDF) 3 Page - ITT Industries

Part # 484602000
Description  AUXILIARY ACTUATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

484602000 Datasheet(HTML) 3 Page - ITT Industries

  484602000 Datasheet HTML 1Page - ITT Industries 484602000 Datasheet HTML 2Page - ITT Industries 484602000 Datasheet HTML 3Page - ITT Industries 484602000 Datasheet HTML 4Page - ITT Industries 484602000 Datasheet HTML 5Page - ITT Industries 484602000 Datasheet HTML 6Page - ITT Industries 484602000 Datasheet HTML 7Page - ITT Industries 484602000 Datasheet HTML 8Page - ITT Industries 484602000 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
PART NO.
708901000
708902000
708903000
PART NO.
752701000
752702000
752703000
PART NO.
801801000
801802000
801803000
.375 DIA.
(9,53 )
.120
(3,05)
.250
(6,35)
.200 DIA.
(5,08 )
.310 DIA.
(7,87 )
.250
(6,35)
.138
(3,51)
.187
(4,75)
.081
(2,03)
.245 DIA.
(6,22 )
WHITE
BLACK
RED
WHITE
BLACK
RED
WHITE
BLACK
RED
PART NO.
785101000
785102000
785103000
WHITE
BLACK
RED
8020, 8060, E010, E020, KM11, L & TP SERIES,
.122
 DIA. PLUNGERS
8600 & KM33 SERIES, .106
 DIA. PLUNGERS
8020, 8060, E010, E020, KM11, L & TP SERIES
.122
 DIA. PLUNGERS
8020, 8060, E010, E020, KM11 & L SERIES,
.122
 DIA. PLUNGERS
.120
(3,05)
.155
(3,94)
PART NO.
894001000
894002000
894003000
WHITE
BLACK
RED
8020, 8050, E010, E020 & L SERIES,
.122
 DIA. SNAP-FITTING PLUNGERS
PART NO.
894101000
894102000
894103000
WHITE
BLACK
RED
8020, 8050, E010, E020 & L SERIES,
.122
 DIA. SNAP-FITTING PLUNGERS
CAPS
TP SERIES, .100
 DIA. PLUNGERS
(Recommended for S9 plunger)
538701000
538702000
538703000
WHITE
BLACK
RED
PART NO.
.200 DIA.
(5,08Ø)
.155
(3,94)
.081
(2,06)
EP & TP SERIES, .100
 DIA. PLUNGERS
465801000
465802000
465803000
WHITE
BLACK
RED
PART NO.
.080
(2,03)
.310 DIA.
(7,87Ø)
.152
(3,86)
EP & TP SERIES, .100
 DIA. PLUNGERS
508101000
508102000
508103000
WHITE
BLACK
RED
PART NO.
.155
(3,94)
.200 DIA.
(5,08Ø)
.100
(2,54)
.157
 DIA. PLUNGERS
267A01000
267A02000
267A03000
PART NO.
FOR SERIES
85X2T, 8534T
Models only
893101000
893102000
893103000
WHITE
BLACK
RED
PART NO.
FOR SERIES
85X1T, 8532T1,
8533T, 8534T1 Models only
.331 DIA.
(8,41Ø)
.300
(7,62)
.150 (3,81)
FOR 267A
.200 (5,08)
FOR 8931
EP11 & EP12 MODELS,
.100 DIA. SNAP-FITTING PLUNGERS
585A01000
585A02000
585A03000
WHITE
BLACK
RED
PART NO.
WHITE
BLACK
RED
EP11 & EP12 MODELS,
.100 DIA. SNAP-FITTING PLUNGERS
785A01000
785A02000
785A03000
WHITE
BLACK
RED
PART NO.
Special colors, custom markings available, consult Customer Service Center.
Nylon. Finish: Gloss.
MATERIAL
L
C&K Hardware
L-8
www.ittcannon.com
ITT Industries
Cannon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com