Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G431X6 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM32G431X6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431X6 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM32G431X6 Datasheet HTML 30Page - STMicroelectronics STM32G431X6 Datasheet HTML 31Page - STMicroelectronics STM32G431X6 Datasheet HTML 32Page - STMicroelectronics STM32G431X6 Datasheet HTML 33Page - STMicroelectronics STM32G431X6 Datasheet HTML 34Page - STMicroelectronics STM32G431X6 Datasheet HTML 35Page - STMicroelectronics STM32G431X6 Datasheet HTML 36Page - STMicroelectronics STM32G431X6 Datasheet HTML 37Page - STMicroelectronics STM32G431X6 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 198 page
background image
Functional overview
STM32G431x6 STM32G431x8 STM32G431xB
34/198
DS12589 Rev 6
3.24.2
General-purpose timers (TIM2, TIM3, TIM4, TIM15, TIM16,
TIM17)
There are up to six synchronizable general-purpose timers embedded in the
STM32G431x6/x8/xB devices (see Table 7 for differences). Each general-purpose timer can
be used to generate PWM outputs, or act as a simple time base.
•
TIM2, TIM3, and TIM4
They are full-featured general-purpose timers:
–
TIM2 has a 32-bit auto-reload up/downcounter and 32-bit prescaler
–
TIM3 and TIM4 have 16-bit auto-reload up/downcounter and 16-bit prescaler.
These timers feature 4 independent channels for input capture/output compare, PWM
or one-pulse mode output. They can work together, or with the other general-purpose
timers via the Timer Link feature for synchronization or event chaining.
The counters can be frozen in debug mode.
All have independent DMA request generation and support quadrature encoders.
•
TIM15, 16 and 17
They are general-purpose timers with mid-range features:
They have 16-bit auto-reload upcounters and 16-bit prescalers.
–
TIM15 has 2 channels and 1 complementary channel
–
TIM16 and TIM17 have 1 channel and 1 complementary channel
All channels can be used for input capture/output compare, PWM or one-pulse mode
output.
The timers can work together via the Timer Link feature for synchronization or event
chaining. The timers have independent DMA request generation.
The counters can be frozen in debug mode.
3.24.3
Basic timers (TIM6 and TIM7)
The basic timers are mainly used for DAC trigger generation. They can also be used as
generic 16-bit timebases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com