Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28-21 Datasheet(PDF) 13 Page - Amphenol Corporation

Part # 28-21
Description  Amphenol 97 Series Connectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

28-21 Datasheet(HTML) 13 Page - Amphenol Corporation

Back Button 28-21 Datasheet HTML 9Page - Amphenol Corporation 28-21 Datasheet HTML 10Page - Amphenol Corporation 28-21 Datasheet HTML 11Page - Amphenol Corporation 28-21 Datasheet HTML 12Page - Amphenol Corporation 28-21 Datasheet HTML 13Page - Amphenol Corporation 28-21 Datasheet HTML 14Page - Amphenol Corporation 28-21 Datasheet HTML 15Page - Amphenol Corporation 28-21 Datasheet HTML 16Page - Amphenol Corporation 28-21 Datasheet HTML 17Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
11
97 series solder type
insert arrangements, cont.
Front view of pin insert or rear of socket insert illustrated.
Items highlighted are most popular and most readily available.
35 Contacts
37 Contacts
47 Contacts
48 Contacts
52 Contacts
† Inactive for new military design, but available for replacement or for
non-military purposes.
* “MS” number not assigned. Use “97” prefix in place of “MS” in completing
catalog number. See how to order, page 19.
See Service Rating and Test Current information on page 7.
CONTACT LEGEND
16 12
8
4
0
A
B
CG
DF
E
HN
M
L
K
J
P
R S TU W
X Y
Z ab c
dh
e f g
jk
l
m
V
A
B
C
D
E
F
G
H
J
K
L
M
N
O
P
S
R
T
U
W
X
Y
Z
a
V
c
d
e
f
b
h
j
k
g
I
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
j
k
m
AB C D
E
J
KR
F G H
LMN P
SZ
T U V W X
a
b c d e f
h
gm
j k
n pr s
AB
CE
D
F
G
H
IJ
K
L
M
N
T
O
P
R
S
P
U
V
W
X
Y
Z
a
b
c
d
e
f
g
m
k
j
t
w
z
u
v
h n
p
s
r xy
A
BC
DE
GH
F
I
L
R
W
O
P
Z
X
M
Y
J
K
U
d
p
w
h
t
y
r
m
e
V
a
j
T
k
u
s
b g
f
c
n
x
v
z
N
S
AB
CG
DF
E
HN
J K LM
P QR S T
OU
WX Y Z a b
Vc
k
d
j
h
f
e
g
ms
n pq r
t u v w x
yz
A
D
B
C
HG F
JE
P N
L
PM
QK
W V
T
US
X
R
Z
a
b
c
d
e
fY
mh
ng
l kj
vp
u
t sr
2
z yx w
3
6
54
12
A
4
3
7
6
5
9
8
C
15
+
10
11
12
13
14
16
15
17
18
19
20
21
22
23
24
–
R
S
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com