Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D377 Datasheet(PDF) 1 Page - Duracell

Part # D377
Description  Zinc/Monovalent Silver Oxide Watch Battery 0% Mercury
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURACELL [Duracell]
Direct Link  https://www.duracell.com/
Logo DURACELL - Duracell

D377 Datasheet(HTML) 1 Page - Duracell

  D377 Datasheet HTML 1Page - Duracell  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Classification:
Silver
Chemical System: Zinc/Monovalent Silver Oxide, low oxide (Zn/Ag
20)
Designation:
ANSI-1176SO, IEC-SR66
Nominal Voltage: 1.55V
Self Discharge:
Less than 10% per year at 20°C
Operating Temp:
0°C - 60°C
Typical Weight:
~0.40 g
Capacity:
*24 mAh, Discharge over 47 kΩ at 20°C to 1.2V
BATTERIES
Berkshire Corporate Park
Bethel, CT 06801 U.S.A.
Telephone: Toll free 1.800.544.5454
Internet: www.duracell.com
*Delivered capacity is dependent on the applied load, intermittent usage, operating temperature and cut off voltage. Please
refer to the charts and discharge data for examples of energy/service life that the battery will provide for various conditions.
Information and contents in this data sheet are for reference purposes only. They do not constitute any warranty and representation
is subject to change without notice. For most current information and further details, please contact Duracell.
Discharge Curve
0
100
200
300
400
500
600
700
Time (h)
Constant Load: 47 kΩ
Starting Drain: 44.8 µA
Temperature: 20°C
1.7
1.6
1.5
1.4
1.3
1.2
1.1
Diameter: 6.80 mm
Height:
2.60 mm
min. 3
6.8°-0.15
min. 0.06
D377
Zinc/Monovalent Silver Oxide Watch Battery
0% Mercury
Specifications
Illustrator document: REV SP11


Similar Part No. - D377

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
D37-015-020-ANBMG MITSUMI-D37-015-020-ANBMG Datasheet
81Kb / 2P
Detach Connectors
logo
Agere Systems
D370 AGERE-D370 Datasheet
53Kb / 8P
D370-Type Digital Uncooled Laser Module
October 2000
D370-02A AGERE-D370-02A Datasheet
53Kb / 8P
D370-Type Digital Uncooled Laser Module
October 2000
D370-02F AGERE-D370-02F Datasheet
53Kb / 8P
D370-Type Digital Uncooled Laser Module
October 2000
D370-02N AGERE-D370-02N Datasheet
53Kb / 8P
D370-Type Digital Uncooled Laser Module
October 2000
More results

Similar Description - D377

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR626W ETC1-SR626W Datasheet
135Kb / 3P
Zinc Silver Oxide Batteries
logo
Ceramate Technical
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
Zinc Oxide
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
Zinc Oxide
logo
Maxwell Technologies
SR920SW MAXWELL-SR920SW Datasheet
167Kb / 3P
Zinc Silver Oxide Batteries
logo
List of Unclassifed Man...
SR927W ETC1-SR927W Datasheet
150Kb / 3P
Zinc-Silver oxide/Alkaline Electrolyte
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com