Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2K0610BD Datasheet(PDF) 3 Page - Schneider Electric

Part # LP2K0610BD
Description  TeSys K reversing contactor - 3P - AC-3 <= 440 V 6 A - 1 NO - 24 V DC coil
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LP2K0610BD Datasheet(HTML) 3 Page - Schneider Electric

  LP2K0610BD Datasheet HTML 1Page - Schneider Electric LP2K0610BD Datasheet HTML 2Page - Schneider Electric LP2K0610BD Datasheet HTML 3Page - Schneider Electric LP2K0610BD Datasheet HTML 4Page - Schneider Electric LP2K0610BD Datasheet HTML 5Page - Schneider Electric LP2K0610BD Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Interlocking type
Mechanical
Mounting support
Plate
Rail
Standards
BS 5424
VDE 0660
NF C 63-110
IEC 60947
Product certifications
UL
CSA
Connections - terminals
Screw clamp terminals 1 0.00…0.01 in² (1.5…
4 mm²)solid
Screw clamp terminals 1 0.00…0.01 in² (0.75…
4 mm²)flexible without cable end
Screw clamp terminals 1 0.00…0.00 in² (0.34…
2.5 mm²)flexible with cable end
Screw clamp terminals 2 0.00…0.01 in² (1.5…
4 mm²)solid
Screw clamp terminals 2 0.00…0.01 in² (0.75…
4 mm²)flexible without cable end
Screw clamp terminals 2 0.00…0.00 in² (0.34…
1.5 mm²)flexible with cable end
Tightening torque
11.51 Lbf.In (1.3 N.m) screw clamp terminals Philips
No 2
11.51 lbf.in (1.3 N.m) screw clamp terminals flat Ø 6
mm
Operating time
30...40 ms coil energisation and NO closing
10 ms coil de-energisation and NO opening
Safety reliability level
B10d = 1369863 cycles contactor with nominal load
EN/ISO 13849-1
B10d = 20000000 cycles contactor with mechanical
load EN/ISO 13849-1
Mechanical durability
5 Mcycles
Maximum operating rate
3600 cyc/h
Complementary
Control circuit voltage limits
Operational 0.8...1.15 Uc 122 °F (50 °C))
Drop-out 0.1...0.75 Uc 122 °F (50 °C))
Inrush power in W
3 W 68 °F (20 °C))
Hold-in power consumption in W
3 W 68 °F (20 °C)
Heat dissipation
3 W
Auxiliary contacts type
Instantaneous 1 NO
Minimum switching current
5 mA signalling circuit
Minimum switching voltage
17 V signalling circuit
Non overlap distance
0.02 in (0.5 mm)
Insulation resistance
> 10 MOhm signalling circuit
Environment
IP degree of protection
IP20 VDE 0106
Protective treatment
TC IEC 60068
TC DIN 50016
Ambient air temperature for operation
-13…122 °F (-25…50 °C)
Ambient air temperature for storage
-58…176 °F (-50…80 °C)
Operating altitude
6561.68 ft (2000 m) without
Flame retardance
V1 UL 94
Requirement 2 NF F 16-101
Requirement 2 NF F 16-102
Mechanical robustness
Shocks contactor closed, on Z axis15 Gn for 11 ms IEC 60068-2-27
Shocks contactor opened, on Z axis10 Gn for 11 ms IEC 60068-2-27
Vibrations contactor closed4 Gn, 5...300 Hz IEC 60068-2-6
Vibrations contactor opened2 Gn, 5...300 Hz IEC 60068-2-6
Shocks contactor opened, on X axis10 Gn for 11 ms IEC 60068-2-27
Shocks contactor opened, on Y axis6 Gn for 11 ms IEC 60068-2-27
Shocks contactor closed, on X axis15 Gn for 11 ms IEC 60068-2-27
Shocks contactor closed, on Y axis10 Gn for 11 ms IEC 60068-2-27
Height
2.28 in (58 mm)
Width
3.54 in (90 mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com