Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3220ECY-L/TR Datasheet(PDF) 5 Page - MaxLinear. All Rights Reserved.

Part # SP3220ECY-L/TR
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXLINEAR [MaxLinear. All Rights Reserved.]
Direct Link  https://www.maxlinear.com/
Logo MAXLINEAR - MaxLinear. All Rights Reserved.

SP3220ECY-L/TR Datasheet(HTML) 5 Page - MaxLinear. All Rights Reserved.

  SP3220ECY-L/TR Datasheet HTML 1Page - MaxLinear. All Rights Reserved. SP3220ECY-L/TR Datasheet HTML 2Page - MaxLinear. All Rights Reserved. SP3220ECY-L/TR Datasheet HTML 3Page - MaxLinear. All Rights Reserved. SP3220ECY-L/TR Datasheet HTML 4Page - MaxLinear. All Rights Reserved. SP3220ECY-L/TR Datasheet HTML 5Page - MaxLinear. All Rights Reserved. SP3220ECY-L/TR Datasheet HTML 6Page - MaxLinear. All Rights Reserved. SP3220ECY-L/TR Datasheet HTML 7Page - MaxLinear. All Rights Reserved. SP3220ECY-L/TR Datasheet HTML 8Page - MaxLinear. All Rights Reserved. SP3220ECY-L/TR Datasheet HTML 9Page - MaxLinear. All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SP3220E_EB_EU_103_031920
5
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 250kbps data rate, all
drivers loaded with 3kΩ, 0.1µF charge pump capacitors, and T
AMB = +25°C.
TYPICAL PERFORMANCE CHARACTERISTICS: Continued
0
250
500
1000
1500
2000
Load Capacitance (pF)
6
4
2
0
-2
-4
-6
2Mbps
1.5Mbps
1Mbps
2Mbps
1.5Mbps
1Mbps
2.5
2.7
3
3.5
4
4.5
5
Supply V oltage (V)
6
4
2
0
-2
-4
-6
TxOUT+
TxOUT-
16
14
12
10
8
6
4
2
0
2.7
3
3.5
4
4.5
5
Supply Voltage (V)
T1 Loaded with 3K // 1000pf @1Mbps
Figure 7. Transmitter Output Voltage vs Load
Capacitance for the SP3220EU.
Figure 8. Transmitter Output Voltage vs Supply
Voltage for the SP3220EU.
Figure 9. Supply Current vs Supply Voltage for the
SP3220EU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com