Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYD32 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BYD32
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD32 Datasheet(HTML) 5 Page - NXP Semiconductors

  BYD32 Datasheet HTML 1Page - NXP Semiconductors BYD32 Datasheet HTML 2Page - NXP Semiconductors BYD32 Datasheet HTML 3Page - NXP Semiconductors BYD32 Datasheet HTML 4Page - NXP Semiconductors BYD32 Datasheet HTML 5Page - NXP Semiconductors BYD32 Datasheet HTML 6Page - NXP Semiconductors BYD32 Datasheet HTML 7Page - NXP Semiconductors BYD32 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1998 Dec 03
5
Philips Semiconductors
Preliminary specification
Fast soft-recovery controlled
avalanche rectifiers
BYD32 series
Fig.6 Device mounted on a printed-circuit board.
Dimensions in mm.
handbook, halfpage
MBK812
3
2
3
50
5
50
Fig.7 Test circuit and reverse recovery time waveform and definition.
Input impedance oscilloscope: 1 M
Ω, 22 pF; tr ≤ 7 ns.
Source impedance: 50
Ω; tr ≤ 15 ns.
handbook, full pagewidth
10
Ω
1
Ω
50
Ω
25 V
DUT
MAM057
+
t rr
0.5
0
0.5
1.0
IF
(A)
IR
(A)
t
0.25



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com