Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYD33 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BYD33
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD33 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BYD33 Datasheet HTML 3Page - NXP Semiconductors BYD33 Datasheet HTML 4Page - NXP Semiconductors BYD33 Datasheet HTML 5Page - NXP Semiconductors BYD33 Datasheet HTML 6Page - NXP Semiconductors BYD33 Datasheet HTML 7Page - NXP Semiconductors BYD33 Datasheet HTML 8Page - NXP Semiconductors BYD33 Datasheet HTML 9Page - NXP Semiconductors BYD33 Datasheet HTML 10Page - NXP Semiconductors BYD33 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1996 Sep 18
7
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYD33 series
BYD33D to M
Tamb =65 °C; Rth j-a = 120 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 1000 V.
Fig.8 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
handbook, full pagewidth
0
4
10 2
110
10 2
10 3
10 4
MGA860
8
t
(ms)
p
10 1
I FRM
(A)
2
6
0.2
0.1
0.5
1
δ = 0.05
BYD33U and V
Tamb =65 °C; Rth j-a = 120 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 1400 V.
Fig.9 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
handbook, full pagewidth
0
4
10 2
110
10 2
10 3
10 4
MLB910
8
t
(ms)
p
10 1
I FRM
(A)
2
6
0.2
0.1
0.5
1
δ = 0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com