Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYD47 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYD47
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD47 Datasheet(HTML) 2 Page - NXP Semiconductors

  BYD47 Datasheet HTML 1Page - NXP Semiconductors BYD47 Datasheet HTML 2Page - NXP Semiconductors BYD47 Datasheet HTML 3Page - NXP Semiconductors BYD47 Datasheet HTML 4Page - NXP Semiconductors BYD47 Datasheet HTML 5Page - NXP Semiconductors BYD47 Datasheet HTML 6Page - NXP Semiconductors BYD47 Datasheet HTML 7Page - NXP Semiconductors BYD47 Datasheet HTML 8Page - NXP Semiconductors BYD47 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1999 Nov 11
2
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYD47 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Shipped in 8 mm embossed tape
• Smallest surface mount
rectifier outline.
DESCRIPTION
Cavity free cylindrical glass SOD87
package through Implotec
™(1)
technology. This package is
hermetically sealed and fatigue free
as coefficients of expansion of all
used parts are matched.
(1) Implotec is a trademark of Philips.
handbook, 4 columns
MAM061
ka
Fig.1 Simplified outline (SOD87) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRSM
non-repetitive peak reverse voltage
BYD47-16
−
1700
V
BYD47-18
−
1900
V
BYD47-20
−
2100
V
VRRM
repetitive peak reverse voltage
BYD47-16
−
1600
V
BYD47-18
−
1800
V
BYD47-20
−
2000
V
IF(AV)
average forward current
Ttp = 105 °C; see Fig.2;
averaged over any 20 ms period;
see also Fig.6
−
0.80
A
IF(AV)
average forward current
Tamb =25 °C; PCB mounting (see
Fig.11); see Fig.3;
averaged over any 20 ms period;
see also Fig.6
−
0.34
A
IFRM
repetitive peak forward current
Ttp =85 °C; see Fig.4
−
8.0
A
Tamb =65 °C; see Fig.5
−
2.8
A
IFSM
non-repetitive peak forward current
t = 10 ms half sine wave; Tj =Tj max
prior to surge; VR =VRRMmax
−
10
A
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
see Fig.7
−65
+175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com