| Electronic Components Datasheet Search |
|
WM8510GEDS/RV Datasheet(PDF) 37 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8510GEDS/RV Datasheet(HTML) 37 Page - Wolfson Microelectronics plc |
|
37 / 81 page ![]() Pre-Production WM8510 w PD Rev 4.1 December 2006 37 The WM8510 also has a Soft Mute function, which gradually attenuates the volume of the digital signal to zero. When removed, the gain will ramp back up to the digital gain setting. This function is enabled by default. To play back an audio signal, it must first be disabled by setting the DACMU bit to zero. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R10 DAC Control 6 DACMU 0 DAC soft mute enable 0 = DACMU disabled 1 = DACMU enabled Table 26 DAC Control Register The digital audio data is converted to oversampled bit streams in the on-chip, true 24-bit digital interpolation filters. The bitstream data enters a multi-bit, sigma-delta DAC, which converts it to a high quality analogue audio signal. The multi-bit DAC architecture reduces high frequency noise and sensitivity to clock jitter. The DAC output defaults to non-inverted. Setting DACPOL will invert the DAC output phase. AUTOMUTE The DAC has an automute function which applies an analogue mute when 1024 consecutive zeros are detected. The mute is release as soon as a non-zero sample is detected. Automute can be disabled using the AMUTE control bit. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R10 DAC Control 2 AMUTE 0 DAC auto mute enable 0 = auto mute disabled 1 = auto mute enabled Table 27 DAC Auto Mute Control Register DAC OUTPUT LIMITER The WM8510 has a digital output limiter function. The operation of this is shown in Figure 19. In this diagram the upper graph shows the envelope of the input/output signals and the lower graph shows the gain characteristic. Figure 19 DAC Digital Limiter Operation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |