Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8580 Datasheet(PDF) 58 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 58 Page - Wolfson Microelectronics plc

Back Button WM8580_07 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8580_07 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8580_07 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8580_07 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8580_07 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8580_07 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8580_07 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8580_07 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8580_07 Datasheet HTML 62Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 92 page
background image
WM8580
Production Data
W
PD Rev 4.0 February 2007
58
AUDIO DATA HANDLING
The S/PDIF receiver recovers the data and VUCP bits from each sub-frame. If the S/PDIF input data
is in a non-compressed audio format the data can be internally routed to the stereo data input of
DAC1. The WM8580 can detect when the data is in a non-compressed audio format and will
automatically mute the DAC. See Non-Audio Detection for more detail.
The received data can also be output over the digital audio interfaces in any of the data formats
supported. This can be performed while simultaneously using DAC1 for playback. The received data
may also be re-transmitted via the S/PDIF transmitter.
USER DATA
The WM8580 can output recovered user data received using GPO pins. See Table 66 for General
Purpose Pin control information.
CHANNEL STATUS DATA
The channel status bits are recovered from the incoming data stream and are used to control various
functions of the device. The recovered MAXWL and RXWL bits are used to truncate the recovered
24-bit audio word to so that only the appropriate numbers of bits are used by the other interfaces
(except the S/PDIF transmitter which always processes the full 24-bit recovered word).
Should the recovered DEEMPH channel status be set, and the S/PDIF receiver is routed to DAC1,
the de-emphasis filter is activated for DAC1.
The S/PDIF receiver reads channel status data from channel 1 only. The channel status data is
stored in five read-only registers which can be read via the serial interface (see Serial Interface
Readback
). When new channel status data has been recovered and stored in registers, the Channel
Status Update (CSUD) bit is set to indicate that the status registers have updated and are ready for
readback. After readback, CSUD will be cleared until the registers are next updated. The CSUD flag
can be configured to be output on any of the GPO pins. The register descriptions for the channel
status bits are given below.
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
0
CON/PRO
0
-
0 = Consumer Mode
1 = Professional Mode
The WM8580 is a consumer mode device.
Detection of professional mode may give
erroneous behaviour.
1
AUDIO_N
1
-
Recovered S/PDIF Channel status bit 1.
0 = Data word represents audio PCM
samples.
1 = Data word does not represent audio
PCM samples.
2
CPY_N
2
-
0 = Copyright is asserted for this data.
1 = Copyright is not asserted for this data.
3
DEEMPH
3
-
0 = Recovered S/PDIF data has no pre-
emphasis.
1 = Recovered S/PDIF data has pre-
emphasis.
5:4
Reserved
5:4
-
Reserved for additional de-emphasis modes.
R44
SPDRXCHAN 1
2Ch
(read-only)
7:6
CHSTMODE
[1:0]
7:6
-
00 = Only valid mode for consumer
applications.
Table 55 S/PDIF Receiver Channel Status Register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com