Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8580GEFT/V Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8580GEFT/V
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580GEFT/V Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8580GEFT/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8580GEFT/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8580GEFT/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8580GEFT/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8580GEFT/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8580GEFT/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8580GEFT/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8580GEFT/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8580GEFT/V Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
WM8580
Production Data
W
PD Rev 4.0 February 2007
42
PRIMARY AUDIO INTERFACE RECEIVER (PAIF RX)
The PAIF Receiver requires a left-right-clock (LRCLK) and a bit-clock (BCLK). These can be supplied
externally (slave mode) or they can be generated internally by the WM8580 (master mode). The
master mode LRCLK/BCLK are created by the Master Mode Clock Gen module. The control of this
module is described on page 21. The clock supplied to this module is selected by the
PAIFRXMS_CLKSEL register bits and can be MCLK, PLLACLK, or PLLBCLK.
Figure 29 PAIF Receiver Clock Selection
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9
PAIF 1
09h
7:6
PAIFRXMS_
CLKSEL
00
PAIF Receiver Master Mode clock
source
00 = MCLK pin
01 = PLLACLK
10 = PLLBCLK
11 = MCLK pin
Table 36 PAIF Receiver Master Mode Clock Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com