Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8593 Datasheet(PDF) 58 Page - Wolfson Microelectronics plc

Part # WM8593
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 Datasheet(HTML) 58 Page - Wolfson Microelectronics plc

Back Button WM8593_07 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8593_07 Datasheet HTML 62Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 98 page
background image
WM8593
Product Preview
w
PP Rev 1.0 January 2007
58
REGISTER MAP
D ec A ddr
Hex A ddr Name
15
14
13
12
11
10
98
76
54
32
1
0
H ex D efault
0
00
DEVICE_ID
0x8594
101
REVISION
00
00
00
00
0x0000
2
02
DAC1_CTRL1
00
00
DAC1_MUTE
DAC1 _EN
DAC1_ZCEN
DAC1_DEEMPH
DAC1_LRP
DAC1_BCP
0x008A
3
03
DAC1_CTRL2
00
00
00
000
0
0x0000
4
04
DAC1_CTRL3
00
00
00
000
00
00
00
DAC1_MSTR
0x0000
5
05
DAC1L_VOL
00
00
00
0
DAC1 L_VU
0x00C8
6
06
DAC1R_VOL
0
00
00
00
DAC1 R_VU
0x00C8
7
07
DAC2_CTRL10
0
0
0
DAC2_MUTE
DAC2_EN
DAC2_ZCEN
DAC2_DEEMPH
DAC2_LRP
DAC2_BCP
0x008A
8
08
DAC2_CTRL2
0
00
00
00
0
0
0
0x0000
9
09
DAC2_CTRL3
0
0
0
0
0
0
000
00
00
00
DAC2_MSTR
0x0000
10
0A
DAC2L_VOL
0
0
0
0
0
0
0
DAC2L_VU
0x00C8
110B
DAC2R_VOL
0
0
0
0
0
0
0
DAC2R_VU
0x00C8
12
0C
ENABLE
0
0
0
0
0
0
000
00
00
00
GLOBAL_EN
0x0000
13
0D
ADC_CTRL10
0
ADC_ZC_EN
ADC_HPD
ADCL_INV
ADCR_INV
ADC_LRSWAP
ADC_EN
ADC_LRP
ADC_BCP
0x200A
14
0E
ADC_CTRL2
00
00
00
000
0x0000
15
0F
ADC_CTRL3
00
00
00
000
00
00
0
ADC_MSTR
0x0000
16
10
ADCL_VOL
0
00
00
00
ADCL_VU
0x00C3
17
11
ADCR_VOL
0
0
0
0
0
0
0
ADCR_VU
0x00C3
19
13
PGA1L_VOL
00
00
00
0
PGA1 L_VU
0x000C
20
14
PGA1R_VOL
0
00
00
00
PGA1 R_VU
0x000C
211
5
PGA2L_VOL
0
0
0
0
0
0
0
PGA2L_VU
0x000C
22
16
PGA2R_VOL
0
0
0
0
0
0
0
PGA2R_VU
0x000C
23
17
PG3L_VOL
0
0
0
0
0
0
0
PGA3L_VU
0x000C
24
18
PGA3R_VOL
0
0
0
0
0
0
0
PGA3R_VU
0x000C
25
19
PGA_CTRL1
0
0
0
0
0
0
0
0
PGA3R_ZC
PGA3L_ZC
PGA2R_ZC
PGA2L_ZC
PGA1R_ZC
PGA1L_ZC
ATTACK_BYPASSDECAY_BYPASS
0x00FC
26
1APGA_CTRL2
0
0
0
JD_PGA3R_M UTE
JD_PGA3 L_M UTE
JD_PGA2R_M UTE
JD_PGA2 L_M UTE
JD_PGA1R_M UTE
JD_PGA1L_M UTE
VOUT3R_MUTE
VOUT3L_MUTE
VOUT2R_MUTE
VOUT2L_MUTE
VOUT1R_MUTE
VOUT1L_MUTE
MUTE_ALL
0x007E
27
1B
GEN
0
0
0
0
0
0
0
0
0
AUTO_INC
JD_INV
GPIO2_APP
GPIO1_APP
0x0048
28
1C
INPUT_CTRL10
0
0
0
0x0000
29
1D
INPUT_CTRL2
0
0
0
0
0x0000
30
1E
INPUT_CTRL3
0
0
0
0
0
ADC_SWITCH_EN
0x0008
311
F
INPUT_CTRL4
0
0
0
0
0
0
0
0
ADCR_AMP_EN ADCL_AMP_EN
PGA3R_EN
PGA3L_EN
PGA2R_EN
PGA2L_EN
PGA1R_EN
PGA1L_EN
0x0000
32
20
OUTPUT_CTRL10
0
0
0
0
0
0
0x0088
33
21OUTPUT_CTRL2
0
0
0
0
0
0
0
0x0163
34
22
OUTPUT_CTRL3
0
0
0
VOUT3R_EN
VOUT3L_EN
VOUT2R_EN
VOUT2L_EN
VOUT1R_EN
VOUT1L_EN
APE_B
VOUT3R_TRI
VOUT3L_TRI
VOUT2R_TRI
VOUT2L_TRI
VOUT1R_TRI
VOUT1L_TRI
0x0040
35
23
BIAS
0
0
0
0
0
0
0
0
BIAS_EN
SOFT_ST
BUFIOEN
FAST_EN
VMIDTOG
POBCTRL
0x0010
36
24
PGA_CTRL_3
0
0
0
0
0
PGA_UPD
0
0
0
0
0
0
PGA_SAFE_SW
0x0002
37
25
AIF_MUX10
0
0
0
0
PORT1
_UPD
PORT1_FORCE
0x0000
38
26
AIF_MUX2
0
0
0
0
0
PORT2_UPD
PORT2_FORCE
0x0092
39
27
AIF_MUX3
0
0
0
0
0
PORT3_UPD
PORT3_FORCE
0x0124
40
28
AIF_MUX4
0
0
0
0
0
PORT4_UPD
PORT4_FORCE
0x01B6
4129
AIF_MUX5
0
0
0
0
0
PORT5_UPD
PORT5_FORCE
0x0248
42
2A
AIF_MUX6
0
0
0
0
0
DAC1_UPD
DAC1_FORCE
0x0092
43
2B
AIF_MUX7
0
0
0
0
0
DAC2_UPD
DAC2_FORCE
0x0092
44
2C
AIF_MUX8
0
0
0
0
0
ADC_UPD
ADC_FORCE
0x0248
45
2D
AIF_MUX9
0
0
0
0
0
GPIO1_UPD
000
00
0
0
0x0000
46
2E
AIF_MUX10
0
0
0
0
0
GPIO2_UPD
0
0
0
0
0
0
0
0x0000
Read: DEVICE_ID[15:0] / Write: SW_RST
REVNUM[7:0]
DAC1_OP_MUX[1:0]
DAC1_WL[1:0]
DAC1_FMT[1:0]
DAC1_SR[2:0]
DAC1L_VOL[7:0]
DAC1R_VOL[7:0]
ADC_AMP_VOL[1:0]
DAC2L_VOL[7:0]
DAC2R_VOL[7:0]
ADCL_VOL[7:0]
ADCR_VOL[7:0]
PGA1L_VOL[7:0]
PGA1R_VOL[7:0]
DAC2_OP_MUX[1:0]
DAC2_WL[1:0]
DAC2_FMT[1:0]
DAC2_SR[2:0]
DAC2_BCLKDIV[2:0]
ADC_DATA_SEL[1:0]
ADC_WL[1:0]
ADC_FMT[1:0]
ADC_BCLKDIV[2:0]
ADC_SR[2:0]
PGA2L_VOL[7:0]
PGA2R_VOL7:0]
PGA3L_VOL[7:0]
PGA3R_VOL[7:0]
PGA_SR[2:0]
PGA2L_IN_SEL[3:0]
PGA1R_IN_SEL[3:0]
PGA1L_IN_SEL[3:0]
PGA3L_IN_SEL[3:0]
PGA2R_IN_SEL[3:0]
ADCR_SEL[3:0]
ADCL_SEL[3:0]
DAC1_BCLKDIV[2:0]
VMID_SEL[1:0]
PGA_SEL[2:0]
VOUT2L_SEL[2:0]
VOUT1R_SEL[2:0]
VOUT1L_SEL[2:0]
VOUT3R_SEL[2:0]
VOUT3L_SEL[2:0]
VOUT2R_SEL[2:0]
PGA3R_IN_SEL[3:0]
MCLK1_SEL[2:0]
WORDCLK1_SEL[2:0]
DIO1_SEL[2:0]
DIO2_SEL[2:0]
WORDCLK2_SEL[2:0]
MCLK2_SEL[2:0]
DIO3_SEL[2:0]
WORDCLK3_SEL[2:0]
MCLK3_SEL[2:0]
DIO4_SEL[2:0]
WORDCLK4_SEL[2:0]
MCLK4_SEL[2:0]
DIO5_SEL[2:0]
WORDCLK5_SEL[2:0]
MCLK5_SEL[2:0]
DAC1DIN_SEL[2:0]
DAC1WORDCLK_SEL[2:0]
DAC1MCLK_SEL[2:0]
GPIO1_SEL[2:0]
GPIO2_SEL[2:0]
DAC2DIN_SEL[2:0]
DAC2WORDCLK_SEL[2:0]
DAC2MCLK_SEL[2:0]
ADCDOUT_SEL[2:0]
ADCWORDCLK_SEL[2:0]
ADCMCLK_SEL[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com