Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYD71 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BYD71
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD71 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BYD71 Datasheet HTML 3Page - NXP Semiconductors BYD71 Datasheet HTML 4Page - NXP Semiconductors BYD71 Datasheet HTML 5Page - NXP Semiconductors BYD71 Datasheet HTML 6Page - NXP Semiconductors BYD71 Datasheet HTML 7Page - NXP Semiconductors BYD71 Datasheet HTML 8Page - NXP Semiconductors BYD71 Datasheet HTML 9Page - NXP Semiconductors BYD71 Datasheet HTML 10Page - NXP Semiconductors BYD71 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
1996 Sep 19
10
Not recommended for new designs
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYD71 series
handbook, full pagewidth
10
Ω
1
Ω
50
Ω
25 V
DUT
MAM057
+
t rr
0.5
0
0.5
1
IF
(A)
IR
(A)
t
0.25
Fig.18 Test circuit and reverse recovery time waveform and definition.
Input impedance oscilloscope: 1 M
Ω, 22 pF; tr ≤ 7 ns.
Source impedance: 50
Ω; tr ≤ 15 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com