Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8716 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8716
Description  High Performance 24-bit, 192kHz Stereo DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8716 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8716 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
WM8716
Production Data
w
PD Rev 4.1 September 2006
16
INDIVIDUAL OR COMMON ATTENUTATION CONTROL
ATC
(REG3, B2)
L
Individual control
H
Common control from Reg0
Table 13 Individual or Common Attenuation Control
DIGITAL FILTER ROLL-OFF SELECTION
SRO
(REG3, B3)
L
Sharp
H
Slow
Table 14 Digital Filter Roll-Off Selection
ANALOGUE OUTPUT POLARITY REVERSAL
REV
(REG3, B4)
L
Normal
H
Inverted
Table 15 Analogue Output Polarity Reversal
CLKO OUTPUT FREQUENCY
CKO
(REG3, B5)
L
XTI
H
XTI/2
Table 16 CLKO Output Frequency
DE-EMPHASIS SAMPLE RATE
SF1
(REG3, B7)
SF0
(REG3, B6)
SAMPLE RATE
0
0
No de-emphasis
0
1
48kHz
1
0
44.1kHz
1
1
32kHz
Table 17 De-Emphasis Sample Rate
INFINITE ZERO DETECT
IZD
(REG3, B8)
L
Zero detect mute off
H
Zero detect mute on
Table 18 Infinite Zero Detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com