Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8728 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8728
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8728 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8728 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8728 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
WM8728
Production Data
w
PD Rev 4.2 April 2004
20
ATTENUATION CONTROL
Each DAC channel can be attenuated digitally before being applied to the digital filter. Attenuation
is 0dB by default but can be set between 0 and 127.5dB in 0.5dB steps using the 8 Attenuation
control bits. All attenuation registers are double latched allowing new values to be pre-latched to
both channels before being updated synchronously. Setting the UPDATE bit on any attenuation
write will cause all pre-latched values to be immediately applied to the DAC channels.
REGISTER
ADDRESS
BITS
LABEL
DEFAULT
DESCRIPTION
[7:0]
LAT[7:0]
11111111 (0dB)
Attenuation data for Left channel DACL in 0.5dB steps.
0000
Attenuation
DACL
8
UPDATEL
0
Controls simultaneous update of all Attenuation Latches
0: Store DACL in intermediate latch (no change to output)
1: Store DACL and update attenuation on all channels.
[7:0]
RAT[7:0]
11111111 (0dB)
Attenuation data for Right channel DACR in 0.5dB steps.
0001
Attenuation
DACR
8
UPDATER
0
Controls simultaneous update of all Attenuation Latches
0: Store DACR in intermediate latch (no change to output)
1: Store DACR and update attenuation on all channels.
Table 9 Attenuation Register Map
Note:
1.
The UPDATE bit is not latched. If UPDATE=0, the Attenuation value will be written to the pre-latch but not applied to the
relevant DAC. If UPDATE=1, all pre-latched values and the current value being written will be applied on the next input
sample.
2.
Care should be used in reducing the attenuation as rapid large volume changes can introduce zipper noise.
DAC OUTPUT ATTENUATION
Registers LAT and RAT control the left and right channel attenuation. Table 9 shows how the
attenuation levels are selected from the 8-bit words.
XAT[7:0]
ATTENUATION LEVEL
00(hex)
∞dB (mute)
01(hex)
127.5dB
:
:
:
:
:
:
FE(hex)
0.5dB
FF(hex)
0dB
Table 10 Attenuation Control Levels
MUTE MODES
Setting the MUT register bit will apply a 'soft' mute to the input of the digital filters:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0010
DAC Control
0
MUT
0
Soft Mute select
0 : Normal Operation
1: Soft mute all channels
Table 11 Mute control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com