Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8731 Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8731
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731 Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8731 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8731 Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
WM8731 / WM8731L
Production Data
w
PD Rev 4.3 August 2006
44
the data across the digital interface is correctly synchronised at the 8.021kHz and 44.117kHz
rates.
The exact sample rates supported for all combinations are defined by the relationships in Table 22
below.
ACTUAL SAMPLING RATE
TARGET
SAMPLING
RATE
BOSR=0
( 250fs)
BOSR=1
(272fs)
kHz
kHz
kHz
8
8.021
8
12MHz/(250 x 48/8)
12MHz/(272 x 11/2)
32
32
12MHz/(250 x 48/32)
not available
44.117
44.1
not available
12MHz/272
48
48
12MHz/250
not available
88.235
88.2
not available
12MHz/136
96
96
12MHz/125
not available
Table 22 USB Mode Actual Sample Rates
ACTIVATING DSP AND DIGITAL AUDIO INTERFACE
To prevent any communication problems from arising across the Digital Audio Interface the Audio
Interface is disabled (tristate with weak 100k pulldown). Once the Audio Interface and the Sampling
Control has been programmed it is activated by setting the ACTIVE bit under Software Control.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001001
Active Control
0
ACTIVE
0
Activate Interface
1 = Active
0 = Inactive
Table 23 Activating DSP and Digital Audio Interface
It is recommended that between changing any content of Digital Audio Interface or Sampling Control
Register that the active bit is reset then set.
SOFTWARE CONTROL INTERFACE
The software control interface may be operated using either a 3-wire (SPI-compatible) or 2-wire MPU
interface. Selection of interface format is achieved by setting the state of the MODE pin.
In 3-wire mode, SDIN is used for the program data, SCLK is used to clock in the program data and
CSB is used to latch in the program data. In 2-wire mode, SDIN is used for serial data and SCLK is
used for the serial clock. In 2-wire mode, the state of CSB pin allows the user to select one of two
addresses.
SELECTION OF SERIAL CONTROL MODE
The serial control interface may be selected to operate in either 2 or 3-wire modes. This is achieved
by setting the state of the MODE pin.
MODE
INTERFACE
FORMAT
0
2 wire
1
3 wire
Table 24 Control Interface Mode Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com