Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8738 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8738
Description  24 Bit Stereo ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8738 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8738 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
WM8738
Production Data
w
PD Rev 4.4 August 2006
5
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
°C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
CONDITION
MIN
MAX
Digital supply voltage
-0.3V
+4.2V
Analogue supply voltage
-0.3V
+7.0V
Voltage range digital inputs
DGND -0.3V
+7.0V
Voltage range analogue inputs
AGND -0.3V
AVDD +0.3V
Master Clock Frequency
37MHz
Operating temperature range, TA
-25
°C
+85
°C
Storage temperature prior to soldering
30
°C max / 85% RH max
Storage temperature after soldering
-65
°C
+150
°C
Notes
1.
Analogue and digital grounds must always be within 0.3V of each other.
2.
The digital supply voltage must always be less than or equal to the analogue supply voltage.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range
DVDD
3.0
3.6
V
Analogue supply range
AVDD
3.0
5.5
V
Ground
DGND,AGND
0
V
Analogue supply current
AVDD = 5.0V,
(DVDD at 3.3V)
30
mA
Analogue supply current
AVDD = 3.3V,
(DVDD at 3.3V)
19
mA
Supply Current Low Power
Mode
AVDD = 5.0V
(DVDD at 3.3V)
180
µA
Supply Current Low Power
Mode
AVDD = 3.3V
(DVDD at 3.3V)
110
µA
Digital supply current
DVDD = 3.3V
AVDD = 5.0V or 3.3V
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com