Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8740 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8740
Description  24-bit, High Performance 192kHz Stereo DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8740 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8740 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
WM8740
Production Data
w
PD Rev 4.0 April 2004
6
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range
DVDD
-10%
3.3 to 5
+10%
V
Analogue supply range
AVDD
-10%
3.3 to 5
+10%
V
Ground
AGND, DGND
0
V
Difference DGND to AGND
-0.3
0
+0.3
V
Analogue supply current
AVDD = 5V
13
mA
Digital supply current
DVDD = 5V
19
mA
Analogue supply current
AVDD = 3.3V
12
mA
Digital supply current
DVDD = 3.3V
12
mA
Note:
DVDD must be equal to, or less than the AVDD supply (i.e. DVDD = AVDD = +5V; DVDD = AVDD = +3.3V; DVDD = +3.3V
AVDD = +5V).
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD, DVDD = 5V, AGND, DGND = 0V, TA = +25
oC, fs = 48kHz, SCKI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC Circuit Specifications
Mono fs @ 48kHz
120
dB
Stereo fs @ 48kHz
110
117
dB
SNR
(See Note 1)
Stereo fs @ 96kHz
116
dB
Mono 0dB
-104
dB
THD (full-scale)
(See Note 2)
Stereo 0dB
-95
-104
dB
THD+N (Dynamic range)
(See Note 2)
-60dB
117
dB
Filter Characteristics (Sharp Roll-off)
Passband
±0.0012 dB
0.4535fs
dB
Stopband
-3dB
0.491fs
Passband ripple
±0.0012
dB
Stopband attenuation
f > 0.5465fs
-82
dB
Delay time
30/fs
s
Filter Characteristics (Slow Roll-off)
Passband
±0.001dB
0.274fs
Stopband
-3dB
0.459fs
Passband ripple
±0.001
dB
Stopband attenuation
f > 0.732fs
-82
dB
Delay time
9/fs
s
Internal Analogue Filter
Bandwidth
-3dB
195
kHz
Passband edge response
20kHz
-0.043
dB
Digital Logic Levels
Input LOW level
VIL
0.8
Input HIGH level
VIH
2.0
V
Output LOW level
VOL
IOL = 2mA
DGND + 0.3V
V
Output HIGH level
VOH
IOH = 2mA
DVDD - 0.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com