Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8753LGEFL/V Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8753LGEFL/V
Description  Hi-Fi and Telephony Dual CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LGEFL/V Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8753LGEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8753LGEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
WM8753L
Pre-Production
w
PP Rev 3.4 November 2005
65
READSEL
[3:1] VALUE
STATUS REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
000
SR0 (0h)
Device ID high
7:0
SR_IDHI
87h
001
SR1 (1h)
Device ID low
7:0
SR_IDLO
53h
Indicates that device is an 8753L
010
SR2 (2h)
Device revision
7:0
SR_REV
01h
Device revision
011
SR3 (3h)
Device capabilities
7:0
SR_CAP
00h
Device capabilities.
7
SR_TSD
0
Thermal shutdown state.
1 = Thermal shutdown detected.
0 = Normal operation.
6
SR_HPDET
0
Headphone or speaker detect state (see
HPSWEN and HPSWPOL).
1 = Headphones connected
0 = Headphones disconnected
5
SR_GPIO5
0
GPIO5 state.
0 = GPIO5 pin low
1 = GPIO5 pin high
4
SR_GPIO4
0
GPIO4 state.
0 = GPIO4 pin low
1 = GPIO4 pin high
3
SR_GPIO3
0
GPIO3 state.
0 = GPIO3 pin low
1 = GPIO3 pin high
1
SR_IMICDET
0
Microphone bias threshold state
1 = above threshold
0 = below threshold
100
SR4 (4h)
Device status
0
SR_IMICSHT
0
Microphone bias short circuit state.
1 = Bias short circuit detected
0 = Bias current OK
7
SR_ITSD
0
Thermal shutdown interrupt
1 = Interrupt.
0 = No interrupt.
6
SR_IHPDET
0
Headphone detection interrupt.
1 = Interrupt.
0 = No interrupt.
5
SR_IGPIO5
0
GPIO5 interrupt.
1 = Interrupt.
0 = No interrupt.
4
SR_IGPIO4
0
GPIO4 interrupt.
1 = Interrupt.
0 = No interrupt.
3
SR_IGPIO3
0
GPIO3 interrupt.
1 = Interrupt.
0 = No interrupt.
1
SR_IMICDET
0
Microphone bias threshold interrupt
101
SR5 (5h)
Interrupt status
0
SR_IMICSHT
0
Microphone bias short circuit interrupt
Table 61 Status Words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com