Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8775 Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8775
Description  24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8775 Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8775 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8775 Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
WM8775
Production Data
w
PD Rev 4.1, June 2006
34
0
NGAT
0
Noise gate enable (ALC only)
0 : disabled
1 : enabled
R19 (13h)
0010011
Noise Gate
Control
4:2
NGTH
000
Noise gate threshold
000: -78dBFS
001: -72dBfs
… 6 dB steps
110: -42dBFS
111: -36dBFS
Maximum attenuation of PGA
3:0
MAXATTEN
[3:0]
0110
Limiter
(attenuation below static)
0011 or lower: -3dB
0100: -4dB
…. (-1dB steps)
1100 or higher: -12dB
ALC
(lower PGA gain limit)
1010 or lower: -1dB
1011 : -5dB
….. (-4dB steps)
1110 : -17dB
1111 : -21dB
R20 (14h)
0010100
Limiter
Control
6:4
TRANWIN [2:0]
010
Length of Transient Window
000: 0us (disabled)
001: 62.5us
010: 125us
…..
111: 4ms
3:0
AMX[3:0]
0001
ADC left channel input mixer control bits
AMX[3:0]
ADC LEFT IN
ADC RIGHT IN
0001
AIN1L
AIN1R
0010
AIN2L
AIN2L
0100
AIN3L
AIN3R
1000
AIN4L
AIN4R
6
MUTERA
0
Mute for right channel ADC
0: Mute off
1: Mute on
7
MUTELA
0
Mute for left channel ADC
0: Mute off
1: Mute on
R21 (15h)
0010101
ADC Mixer
Control
8
LRBOTH
0
Setting LRBOTH will write the same gain value to RAG[7:0] and
LAG[7:0].
R23 (17h)
0010111
Software
Reset
[8:0]
RESET
Not reset
Writing to this register will apply a reset to the device registers.
Table 13 Register Map Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com